Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 15Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 16Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 17Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 18Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 19Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 20Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 21Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 22Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 293 page
background image
uPSD34xx
Memory organization
19/293
4
Memory organization
The 8032 MCU core views memory on the MCU module as “internal” memory and it views
memory on the PSD module as “external” memory, see Figure 6
Internal memory on the MCU Module consists of DATA, IDATA, and SFRs. These standard
8032 memories reside in 384 bytes of SRAM located at a fixed address space starting at
address 0x0000.
External memory on the PSD Module consists of four types: main Flash (64K, 128K, or
256K bytes), a smaller secondary Flash (32K), SRAM (4K, 8K or 32Kbytes), and a block of
PSD Module control registers called csiop (256 bytes). These external memories reside at
programmable address ranges, specified using the software tool PSDsoft Express. See the
PSD Module section of this document for more details on these memories.
External memory is accessed by the 8032 in two separate 64K byte address spaces. One
address space is for program memory and the other address space is for data memory.
Program memory is accessed using the 8032 signal, PSEN. Data memory is accessed
using the 8032 signals, RD and WR. If the 8032 needs to access more than 64K bytes of
external program or data memory, it must use paging (or banking) techniques provided by
the Page Register in the PSD Module.
Note:
When referencing program and data memory spaces, it has nothing to do with 8032 internal
SRAM areas of DATA, IDATA, and SFR on the MCU Module. Program and data memory
spaces only relate to the external memories on the PSD Module.
External memory on the PSD Module can overlap the internal SRAM memory on the MCU
Module in the same physical address range (starting at 0x0000) without interference
because the 8032 core does not assert the RD or WR signals when accessing internal
SRAM.
Figure 6.
uPSD34xx memories
• External memories may be placed at virtually
any address using software tool PSDsoft Express.
• The SRAM and Flash memories may be placed
in 8032 Program Space or Data Space using
PSDsoft Express.
• Any memory in 8032 Data Space is XDATA.
64KB
or
128KB
or
256KB
32KB
Main
Flash
Internal SRAM on
MCU Module
External Memory on
PSD Module
IDATA
SFR
DATA
Secondary
Flash
4KB
or
8KB
or
32KB
SRAM
384 Bytes SRAM
Direct or Indirect Addressing
FF
80
7F
128 Bytes
128 Bytes
128 Bytes
0
Indirect
Addressing
Fixed
Addresses
Direct
Addressing
AI10410b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com