Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 90 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 86Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 87Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 88Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 89Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 90Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 91Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 92Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 93Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 293 page
background image
Standard 8032 timer/counters
uPSD34xx
90/293
turned on and off by switching it out of and into its own Mode 3, or can still be used by the
serial port as a baud rate generator, or in fact, in any application not requiring an interrupt.
Table 42.
TMOD: Timer mode register (SFR 89h, reset value 00h)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
GATE
C/T
M[1:0]
GATE
C/T
M[1:0]
Bit
Symbol
R/W
Timer
Definition (T/C is abbreviation for Timer/Counter)
7GATE
R,W
Timer 1
Gate control.
When GATE = 1, T/C is enabled only while pin
EXTINT1 is '1' and the flag TR1 is '1.' When GATE = 0,
T/C is enabled whenever the flag TR1 is '1.'
6C/T
R,W
Counter or Timer function select.
When C/T = 0, function is timer, clocked by internal
clock. C/T = 1, function is counter, clocked by signal
sampled on external pin, C1.
[5:4]
M[1:0]
R,W
Mode Select.
00b = 13-bit T/C. 8 bits in TH1 with TL1 as 5-bit pre-
scaler.
01b = 16-bit T/C. TH1 and TL1 are cascaded. No pre-
scaler.
10b = 8-bit auto-reload T/C. TH1 holds a constant and
loads into TL1 upon overflow.
11b = Timer Counter 1 is stopped.
3GATE
R,W
Timer 0
Gate control.
When GATE = 1, T/C is enabled only while pin
EXTINT0 is '1' and the flag TR0 is '1.' When GATE = 0,
T/C is enabled whenever the flag TR0 is '1.'
2C/T
R,W
Counter or Timer function select.
When C/T = 0, function is timer, clocked by internal
clock. C/T = 1, function is counter, clocked by signal
sampled on external pin, C0.
[1:0]
M[1:0]
R,W
Mode Select.
00b = 13-bit T/C. 8 bits in TH0 with TL0 as 5-bit pre-
scaler.
01b = 16-bit T/C. TH0 and TL0 are cascaded. No pre-
scaler.
10b = 8-bit auto-reload T/C. TH0 holds a constant and
loads into TL0 upon overflow.
11b = TL0 is 8-bit T/C controlled by standard Timer 0
control bits. TH0 is a separate 8-bit timer that uses
Timer 1 control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com