Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 60 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 56Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 57Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 58Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 59Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 60Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 61Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 62Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 63Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 293 page
background image
MCU clock generation
uPSD34xx
60/293
14.2.2
USB_CLK
The uPSD34xx has a dedicated analog phase locked loop (PLL) that can be configured to
generate the 48MHz USB_CLK clock on a wide range of fOSC frequencies. The USB_CLK
must be at 48MHz for the USB to function properly.
The PLL is enabled after power up. The power on lock time for the PLL clock is about 200µs,
and the firmware should wait that much time before enabling the USB_CLK by setting the
UPLLCE Bit in the CCON0 Register to '1.' The PLL is disabled in Power-down mode, it can
also be disabled or enabled by writing to the PLLEN Bit in the CCON0 Register.
The PLL output clock frequency (fUSB_CLK) can be determined by using the following
formula:
where PLLM and PLLD are the multiplier and divisor that are specified in the CCON1
Register. The fOSC, the PLLM and PLLD range must meet the following conditions to
generate a stable USB_CLK:
a)
–1
≤ PLLM ≤ 30 (binary: [11111] ≤ PLLM[4:0] ≤ [11110]),
b)
–1
≤ PLLD ≤ 14 (binary: [1111] ≤ PLLD[3:0] ≤ [1110]), and
c)
fOSC/(PLLD+2) must be equal to or greater than 3MHz.
The USB requires a 48MHz clock to operate correctly. The PLLM[4:0] and PLLD[3:0] values
must be selected so as to generate a USB_CLK that is as close to 48MHz as possible at
different oscillator frequencies (fOSC). Table 21 lists some of the PLLM and PLLD values that
can be used on common fOSC frequencies.
Table 21.
PLLM and PLLD Values for Different fOSC Frequencies
fOSC
(MHz)
PLLM[4:0]
PLLD[3:0]
fUSB_CLK
(MHz)
decimal
binary
decimal
binary
40.0
22
10110
8
1000
48.0
36.0
6
00110
1
0001
48.0
33.0
30
11110
9
1001
48.0
30.0
14
01110
3
0011
48.0
24.0
18
10010
3
0011
48.0
16.0
28
11100
3
0011
48.0
12.0
30
11110
2
0010
48.0
8.0
22
10110
0
0000
48.0
6.0
30
11110
0
0000
48.0
3.0
30
11110
–1
1111
48.0
f
USBCLK
f
OSC
PLLM
2
+
()
×
[]
PLLD
2
+
() 2
×
[]
⁄
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com