Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 42Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 43Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 44Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 45Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 46Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 47Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 48Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 49Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 293 page
background image
uPSD34xx instruction set summary
uPSD34xx
46/293
Note:
1
All mnemonics copyrighted ©Intel Corporation 1980.
Table 11.
Miscellaneous instruction set
Note:
1
All mnemonics copyrighted ©Intel Corporation 1980.
Table 12.
Notes on instruction set and addressing modes
CJNE
@Ri, #data,
rel
Compare immediate to indirect, jump if not equal
3 byte/2 cycle
DJNZ
Rn, rel
Decrement register and jump if not zero
2 byte/2 cycle
DJNZ
direct, rel
Decrement direct byte and jump if not zero
3 byte/2 cycle
Mnemonic(1) and Use
Description
Length/Cycles
Mnemonic(1) and Use
Description
Length/Cycles
Miscellaneous
NOP
No Operation
1 byte/1 cycle
Rn
Register R0 - R7 of the currently selected register bank.
direct
8-bit address for internal 8032 DATA SRAM (locations 00h - 7Fh) or SFR registers
(locations 80h - FFh).
@Ri
8-bit internal 8032 SRAM (locations 00h - FFh) addressed indirectly through contents of
R0 or R1.
#data
8-bit constant included within the instruction.
#data16 16-bit constant included within the instruction.
addr16
16-bit destination address used by LCALL and LJMP.
addr11
11-bit destination address used by ACALL and AJMP.
rel
Signed (two-s compliment) 8-bit offset byte.
bit
Direct addressed bit in internal 8032 DATA SRAM (locations 20h to 2Fh) or in SFR
registers (88h, 90h, 98h, A8h, B0, B8h, C0h, C8h, D0h, D8h, E0h, F0h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com