Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 20Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 21Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 22Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 23Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 24Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 25Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 26Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 27Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 293 page
background image
8032 MCU core performance enhancements
uPSD34xx
24/293
Figure 8.
Instruction Pre-Fetch Queue and Branch Cache
5.1
Pre-fetch queue (PFQ) and branch cache (BC)
The PFQ is always working to minimize the idle bus time inherent to 8032 MCU architecture,
to eliminate wasted memory fetches, and to maximize memory bandwidth to the MCU. The
PFQ does this by running asynchronously in relation to the MCU, looking ahead to pre-fetch
two bytes (word) of code from program memory during any idle bus periods. Only necessary
word will be fetched (no dummy fetches like standard 8032). The PFQ will queue up to four
code bytes in advance of execution, which significantly optimizes sequential program
performance. However, when program execution becomes non-sequential (program
branch), a typical pre-fetch queue will empty itself and reload new code, causing the MCU to
stall. The Turbo uPSD34xx diminishes this problem by using a Branch Cache with the PFQ.
The BC is a four-way, fully associative cache, meaning that when a program branch occurs,
its branch destination address is compared simultaneously with four recent previous branch
destinations stored in the BC. Each of the four cache entries contain up to four bytes of code
related to a branch. If there is a hit (a match), then all four code bytes of the matching
program branch are transferred immediately and simultaneously from the BC to the PFQ,
and execution on that branch continues with minimal delay. This greatly reduces the chance
that the MCU will stall from an empty PFQ, and improves performance in embedded control
systems where it is quite common to branch and loop in relatively small code localities.
By default, the PFQ and BC are enabled after power-up or reset. The 8032 can disable the
PFQ and BC at runtime if desired by writing to a specific SFR (BUSCON).
The memory in the PSD module operates with variable wait states depending on the value
specified in the SFR named BUSCON. For example, a 5V uPSD34xx device operating at a
40MHz crystal frequency requires four memory wait states (equal to four MCU clocks). In
this example, once the PFQ has one word of code, the wait states become transparent and
a full 10 MIPS is achieved when the program stream consists of sequential one- or two-byte,
one machine-cycle instructions as shown in Figure 7 on page 23 (transparent because a
machine-cycle is four MCU clocks which equals the memory pre-fetch wait time that is also
Branch 4
Code
Branch 4
Code
8032
MCU
16-bit
Program
Memory
on PSD
Module
Instruction Pre-Fetch Queue (PFQ)
4 Bytes of Instruction
Instruction Byte
Wait
Wait
8
Instruction Byte
8
Instruction Byte
8
Current
Branch
Address
Compare
Branch
Cache
(BC)
16
AI10431
Address
16
16
16
Address
Load on Branch Address Match
Branch 3
Code
Branch 3
Code
Branch 2
Code
Branch 2
Code
Branch 1
Code
Branch 1
Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com