Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 27Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 28Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 29Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 30Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 31Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 32Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 33Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 34Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 293 page
background image
uPSD34xx
Special function registers (SFR)
31/293
8
Special function registers (SFR)
A group of registers designated as Special Function Register (SFR) is shown in Table 5 on
page 32. SFRs control the operating modes of the MCU core and also control the peripheral
interfaces and I/O pins on the MCU Module. The SFRs can be accessed only by using the
Direct Addressing method within the address range from 80h to FFh of internal 8032 SRAM.
Sixteen addresses in SFR address space are both byte- and bit-addressable. The bit-
addressable SFRs are noted in Table 5.
106 of a possible 128 SFR addresses are occupied. The remaining unoccupied SFR
addresses (designated as “RESERVED” in Table 5) should not be written. Reading
unoccupied locations will return an undefined value.
Note:
There is a separate set of control registers for the PSD Module, designated as csiop, and
they are described in the Section 28: PSD module on page 185. The I/O pins, PLD, and
other functions on the PSD Module are NOT controlled by SFRs.
SFRs are categorized as follows:
●
MCU core registers:
IP, A, B, PSW, SP, DPTL, DPTH, DPTC, DPTM
●
MCU Module I/O Port registers:
P1, P3, P4, P1SFS0, P1SFS1, P3SFS, P4SFS0, P4SFS1
●
Standard 8032 Timer registers
TCON, TMOD, T2CON, TH0, TH1, TH2, TL0, TL1, TL2, RCAP2L, RCAP2H
●
Standard Serial Interfaces (UART)
SCON0, SBUF0, SCON1, SBUF1
●
Power, clock, and bus timing registers
PCON, CCON0, CCON1, BUSCON
●
Hardware watchdog timer registers
WDKEY, WDRST
●
Interrupt system registers
IP, IPA, IE, IEA
●
Prog. Counter Array (PCA) control registers
PCACL0, PCACH0, PCACON0, PCASTA, PCACL1, PCACH1, PCACON1, CCON2,
CCON3
●
PCA capture/compare and PWM registers
CAPCOML0, CAPCOMH0, TCMMODE0, CAPCOML1, CAPCOMH1, TCMMODE2,
CAPCOML2, CAPCOMH2, TCMMODE2, CAPCOML3, CAPCOMH3, TCMMODE3,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com