Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 26Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 27Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 28Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 29Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 30Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 31Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 32Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 33Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 293 page
background image
8032 MCU registers
uPSD34xx
30/293
by-zero condition. The OV flag is cleared by the ADD, ADDC, SUBB, MUL, and DIV
instructions in all other cases. The CLRV instruction will clear the OV flag at any time.
7.7.6
Parity flag (P)
The P flag is set if the sum of the eight bits in the Accumulator is odd, and P is cleared if the
sum is even.
Table 4.
.Register bank select addresses
Figure 12.
Program status word (PSW) register
RS1
RS0
Register Bank
8032 Internal DATA Address
0
0
0
00h - 07h
0
1
1
08h - 0Fh
1
0
2
10h - 17h
1
1
3
18h - 1Fh
AI06639
CY
Reset Value 00h
Parity Flag
Bit not assigned
Overflow Flag
Register Bank Select Flags
(to select Bank0-3)
Carry Flag
Auxillary Carry Flag
General Purpose Flag
AC FO RS1 RS0 OV
P
MSB
LSB
PSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com