Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 15 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 11Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 12Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 13Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 14Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 15Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 16Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 17Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 18Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 293 page
background image
uPSD34xx
Pin descriptions
15/293
PSEN
63
N/A
O
PSEN Signal,
external bus
ALE
4
N/A
O
Address Latch
signal, external bus
RESET_IN
68
44
I
Active low reset
input
XTAL1
48
31
I
Oscillator input pin
for system clock
XTAL2
49
32
O
Oscillator output pin
for system clock
DEBUG
8
5
I/O
I/O to the MCU
Debug Unit
PA0
35
N/A
I/O
General I/O port pin
All Port A pins
support:
1.
PLD Macro-
cell outputs, or
2.
PLD inputs, or
3.
Latched
Address Out
(A0-A7), or
4.
Peripheral I/O
Mode
PA1
34
N/A
I/O
General I/O port pin
PA2
32
N/A
I/O
General I/O port pin
PA3
28
N/A
I/O
General I/O port pin
PA4
26
N/A
I/O
General I/O port pin
PA5
24
N/A
I/O
General I/O port pin
PA6
22
N/A
I/O
General I/O port pin
PA7
21
N/A
I/O
General I/O port pin
PB0
80
52
I/O
General I/O port pin
All Port B pins
support:
1.
PLD Macro-
cell outputs, or
2.
PLD inputs, or
3.
Latched
Address Out
(A0-A7 or
A8-A15)
PB1
78
51
I/O
General I/O port pin
PB2
76
50
I/O
General I/O port pin
PB3
74
49
I/O
General I/O port pin
PB4
73
48
I/O
General I/O port pin
PB5
71
46
I/O
General I/O port pin
PB6
67
43
I/O
General I/O port pin
PB7
66
42
I/O
General I/O port pin
JTAGTMS
TMS
20
13
I
JTAG pin (TMS)
JTAGTCK
TCK
17
12
I
JTAG pin (TCK)
PC2
VSTBY
16
11
I/O
General I/O port pin
SRAM Standby
voltage input
(VSTBY)
PLD Macrocell
output, or PLD input
PC3
TSTAT
15
N/A
I/O
General I/O port pin
Optional JTAG
Status (TSTAT)
PLD, Macrocell
output, or PLD input
PC4
TERR
9
N/A
I/O
General I/O port pin
Optional JTAG
Status (TERR)
PLD, Macrocell
output, or PLD input
Table 2.
Pin definitions
Port Pin
Signal
Name
80-Pin
No.
52-Pin
No.(1)
In/Out
Function
Basic
Alternate 1
Alternate 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com