Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40T6 Datasheet(PDF) 105 Page - STMicroelectronics

Part # UPSD3422EB40T6
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40T6 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button UPSD3422EB40T6 Datasheet HTML 101Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 102Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 103Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 104Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 105Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 106Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 107Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 108Page - STMicroelectronics UPSD3422EB40T6 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 293 page
background image
uPSD34xx
Serial UART interfaces
105/293
Figure 31.
UART mode 0, block diagram
Figure 32.
UART Mode 0, Timing Diagram
21.5
More about UART mode 1
Refer to the block diagram in Figure 33 on page 107, and timing diagram in Figure 34 on
page 107.
Transmission is initiated by any instruction which writes to SBUF. At the end of a write
operation to SBUF, a '1' is loaded into the 9th position of the transmit shift register and flags
the TX Control unit that a transmission is requested. Transmission actually starts at the end
AI06824
Zero Detector
Internal Bus
Tx Control
Rx Control
Internal Bus
SBUF
Write
to
SBUF
Read
SBUF
Load
SBUF
SBUF
Input Shift Register
Shift
Shift
Clock
Serial
Port
Interrupt
fOSC/12
REN
R1
Rx Clock
Start
Tx Clock
Start
Shift
Shift
Send
Receive
T
R
CL
DS
Q
7 6 5 4 3 2 1 0
RxD
P3.0 Alt
Input
Function
RxD
Pin
TxD
Pin
AI06825
Write to SBUF
Send
Shift
RxD (Data Out)
TxD (Shift Clock)
TI
Write to SCON
RI
Receive
Shift
RxD (Data In)
TxD (Shift Clock)
Clear RI
Receive
Transmit
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com