Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MM0016GPL028 Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 15Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 16Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 17Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 18Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 19Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 20Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 21Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 22Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 268 page
background image
 2015-2016 Microchip Technology Inc.
DS60001324B-page 19
PIC32MM0064GPL036 FAMILY
2.0
GUIDELINES FOR GETTING
STARTED WITH 32-BIT
MICROCONTROLLERS
2.1
Basic Connection Requirements
Getting started with the PIC32MM0064GPL036 family
of 32-bit Microcontrollers (MCUs) requires attention to
a minimal set of device pin connections before pro-
ceeding with development. The following is a list of pin
names, which must always be connected:
•All VDD and VSS pins
(see Section 2.2 “Decoupling Capacitors”)
•All AVDD and AVSS pins, even if the ADC module
is not used (see Section 2.2 “Decoupling
Capacitors”
)
• MCLR pin (see Section 2.3 “Master Clear
(MCLR) Pin”
)
•VCAP pin (see Section 2.4 “Capacitor on
Internal Voltage Regulator (VCAP)”
)
• PGECx/PGEDx pins, used for In-Circuit Serial
Programming™ (ICSP™) and debugging
purposes (see Section 2.5 “ICSP Pins”)
• OSC1 and OSC2 pins, when external oscillator
source is used (see Section 2.7 “External
Oscillator Pins”
)
The following pin(s) may be required as well:
VREF+/VREF- pins, used when external voltage
reference for the ADC module is implemented.
2.2
Decoupling Capacitors
The use of decoupling capacitors on power supply
pins, such as VDD, VSS, AVDD and AVSS, is required.
See Figure 2-1.
Consider the following criteria when using decoupling
capacitors:
• Value and type of capacitor: A value of 0.1 µF
(100 nF), 10-20V is recommended. The capacitor
should be a low Equivalent Series Resistance
(low-ESR) capacitor and have resonance frequency
in the range of 20 MHz and higher. It is further
recommended that ceramic capacitors be used.
• Placement on the printed circuit board: The
decoupling capacitors should be placed as close to
the pins as possible. It is recommended that the
capacitors be placed on the same side of the board
as the device. If space is constricted, the capacitor
can be placed on another layer on the PCB using a
via; however, ensure that the trace length from the
pin to the capacitor is within one-quarter inch
(6 mm) in length.
• Handling high-frequency noise: If the board is
experiencing high-frequency noise, upward of tens
of MHz, add a second ceramic-type capacitor in par-
allel to the above described decoupling capacitor.
The value of the second capacitor can be in the
range of 0.01 µF to 0.001 µF. Place this second
capacitor next to the primary decoupling capacitor.
In high-speed circuit designs, consider implement-
ing a decade pair of capacitances, as close to the
power and ground pins as possible. For example,
0.1 µF in parallel with 0.001 µF.
• Maximizing performance: On the board layout
from the power supply circuit, run the power and
return traces to the decoupling capacitors first, and
then to the device pins. This ensures that the
decoupling capacitors are first in the power chain.
Equally important is to keep the trace length
between the capacitor and the power pins to a
minimum, thereby reducing PCB track inductance.
Note:
This data sheet summarizes the features
of the PIC32MM0064GPL036 family of
devices. It is not intended to be a compre-
hensive reference source. To complement
the information in this data sheet, refer to
the “PIC32 Family Reference Manual”,
which is available from the Microchip
web site
(www.microchip.com/PIC32).
The information in this data sheet
supersedes the information in the FRM.
Note:
The AVDD and AVSS pins must be
connected, regardless of ADC use and
the ADC voltage reference source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com