Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MM0016GPL028 Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 64Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 65Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 66Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 67Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 68Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 69Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 70Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 71Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 268 page
background image
PIC32MM0064GPL036 FAMILY
DS60001324B-page 68
 2015-2016 Microchip Technology Inc.
REGISTER 8-1:
OSCCON: OSCILLATOR CONTROL REGISTER(1)
Bit
Range
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
31:24
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—
FRCDIV<2:0>
23:16
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
15:8
U-0
R-y
R-y
R-y
U-0
R/W-y
R/W-y
R/W-y
—COSC<2:0>(3)
—NOSC<2:0>(3)
7:0
R/W-0
U-0
U-0
R/W-0
R/W-0, HS
U-0
R/W-y
R/W-y
CLKLOCK
—
—
SLPEN
CF
—SOSCEN(4) OSWEN(2)
Legend:
HS = Hardware Settable bit
y = Value set from Configuration bits on Reset
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-27 Unimplemented: Read as ‘0’
bit 26-24 FRCDIV<2:0>: Internal Fast RC (FRC) Oscillator Clock Divider bits
111
= FRC divided by 256
110
= FRC divided by 64
101
= FRC divided by 32
100
= FRC divided by 16
011
= FRC divided by 8
010
= FRC divided by 4
001
= FRC divided by 2
000
= FRC divided by 1 (default setting)
bit 23-15 Unimplemented: Read as ‘0’
bit 14-12 COSC<2:0>: Current Oscillator Selection bits(3)
111
and 110 = Reserved (selects internal Fast RC (FRC) Oscillator divided by the FRCDIV<2:0> bits
(FRCDIV))
101
= Internal Low-Power RC (LPRC) Oscillator
100
= Secondary Oscillator (SOSC)
011
= Reserved
010
= Primary Oscillator (POSC) (XT, HS or EC)
001
= System PLL (SPLL)
000
= Internal Fast RC (FRC) Oscillator divided by FRCDIV<2:0> bits (FRCDIV)
bit 11
Unimplemented:
Read as ‘0’
Note 1:
Writes to this register require an unlock sequence. Refer to Section 23.4 “System Registers Write
Protection”
for details.
2:
The Reset value for this bit depends on the setting of the IESO (FOSCSEL<7>) Configuration bit. When
IESO = 1, the Reset value is ‘1’. When IESO = 0, the Reset value is ‘0’.
3:
The Reset value for these bits matches the setting of the FNOSC<2:0> (FOSCSEL<2:0>) Configuration
bits.
4:
The Reset value for this bit matches the setting of the SOSCEN (FOSCSEL<6>) Configuration bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com