Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MM0016GPL028 Datasheet(PDF) 48 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 48 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 44Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 45Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 46Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 47Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 48Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 49Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 50Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 51Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 268 page
background image
PIC32MM0064GPL036 FAMILY
DS60001324B-page 48
 2015-2016 Microchip Technology Inc.
bit 3
SLEEP:
Wake from Sleep Flag bit
1
= Device was in Sleep mode
0
= Device was not in Sleep mode
bit 2
IDLE:
Wake from Idle Flag bit(2)
1
= Device was in Idle mode
0
= Device was not in Idle mode
bit 1
BOR:
Brown-out Reset Flag bit
1
= Brown-out Reset has occurred
0
= Brown-out Reset has not occurred
bit 0
POR:
Power-on Reset Flag bit
1
= Power-on Reset has occurred
0
= Power-on Reset has not occurred
REGISTER 6-1:
RCON: RESET CONTROL REGISTER(1) (CONTINUED)
Note 1:
User software must clear bits in this register to view the next detection.
2:
The IDLE bit will also be set when the device wakes from Sleep mode.
REGISTER 6-2:
RSWRST: SOFTWARE RESET REGISTER
Bit
Range
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
31:24
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
23:16
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
15:8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
7:0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
W-0, HC
—
—
—
—
—
—
—
SWRST(1,2)
Legend:
HC = Hardware Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-1
Unimplemented:
Read as ‘0’
bit 0
SWRST:
Software Reset Trigger bit(1,2)
1
= Enables Software Reset event
0
= No effect
Note 1:
The system unlock sequence must be performed before the SWRST bit can be written. Refer to
Section 23.4 “System Registers Write Protection”
for details.
2:
Once this bit is set, any read of the RSWRST register will cause a Reset to occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com