Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MM0016GPL028 Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 91Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 92Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 93Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 94Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 95Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 96Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 97Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 98Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 268 page
background image
 2015-2016 Microchip Technology Inc.
DS60001324B-page 95
PIC32MM0064GPL036 FAMILY
12.0
CAPTURE/COMPARE/PWM/
TIMER MODULES (MCCP AND
SCCP)
12.1
Introduction
PIC32MM0064GPL036 family devices include three
Capture/Compare/PWM/Timer (CCP) modules. These
modules are similar to the multipurpose timer modules
found on many other 32-bit microcontrollers. They also
provide the functionality of the comparable input
capture, output compare and general purpose timer
peripherals found in all earlier PIC32 devices.
CCP modules can operate in one of three major
modes:
• General Purpose Timer
• Input Capture
• Output Compare/PWM
There are two different forms of the module, distinguished
by the number of PWM outputs that the module can gen-
erate. Single Capture/Compare/PWM/Timer (SCCPs)
output modules provide only one PWM output. Multiple
Capture/Compare/PWM/Timer (MCCPs) output modules
can provide up to six outputs and an extended range of
output control features, depending on the pin count of the
particular device.
All modules (SCCP and MCCP) include these features:
• User-Selectable Clock Inputs, including System
Clock and External Clock Input Pins
• Input Clock Prescaler for Time Base
• Output Postscaler for module Interrupt Events or
Triggers
• Synchronization Output Signal for Coordinating
other MCCP/SCCP modules with
User-Configurable Alternate and Auxiliary Source
Options
• Fully Asynchronous Operation in all modes and in
Low-Power Operation
• Special Output Trigger for ADC Conversions
• 16-Bit and 32-Bit General Purpose Timer modes
with Optional Gated Operation for Simple Time
Measurements
• Capture modes:
- Backward compatible with previous input
capture peripherals of the PIC32 family
- 16-bit or 32-bit capture of time base on
external event
- Up to four-level deep FIFO capture buffer
- Capture source input multiplexer
- Gated capture operation to reduce
noise-induced false captures
• Output Compare/PWM modes:
- Backward compatible with previous output
compare peripherals of the PIC32 family
- Single Edge and Dual Edge Compare modes
- Center-Aligned Compare mode
- Variable Frequency Pulse mode
- External Input mode
MCCP modules also include these extended PWM
features:
• Single Output Steerable mode
• Brush DC Motor (Forward and Reverse) modes
• Half-Bridge with Dead-Time Delay mode
• Push-Pull PWM mode
• Output Scan mode
• Auto-Shutdown with Programmable Source and
Shutdown State
• Programmable Output Polarity
The SCCP and MCCP modules can be operated in
only one of the three major modes (Capture, Compare
or Timer) at any time. The other modes are not
available unless the module is reconfigured.
A conceptual block diagram for the module is shown in
Figure 12-1. All three modes use the time base gener-
ator and the common Timer register pair (CCPxTMR).
Other shared hardware components, such as
comparators and buffer registers, are activated and
used as a particular mode requires.
Note:
This data sheet summarizes the features of
the
PIC32MM0064GPL036
family
of
devices. It is not intended to be a
comprehensive
reference
source.
To
complement the information in this data
sheet, refer to Section 30. “Cap-
ture/Compare/PWM/Timer (MCCP and
SCCP)”
(DS60001381) in the “PIC32
Family Reference Manual”
, which is
available from the Microchip web site
(www.microchip.com/PIC32). The infor-
mation in this data sheet supersedes the
information in the FRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com