Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MM0016GPL028 Datasheet(PDF) 88 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 88 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 84Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 85Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 86Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 87Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 88Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 89Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 90Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 91Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 268 page
background image
10.1
Timer1 Control Register
TABLE 10-1:
TIMER1 REGISTER MAP
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
8000 T1CON
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
—
SIDL
TWDIS
TWIP
—
TECS<1:0>
TGATE
—
TCKPS<1:0>
—
TSYNC
TCS
—
0000
8010
TMR1
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
TMR1<15:0>
0000
8020
PR1
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
PR1<15:0>
FFFF
Legend:
— = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
All registers in this table have corresponding CLR, SET and INV registers at their virtual addresses, plus offsets of 0x4, 0x8 and 0xC, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com