Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MM0016GPL028 Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 73Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 74Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 75Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 76Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 77Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 78Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 79Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 80Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 268 page
background image
 2015-2016 Microchip Technology Inc.
DS60001324B-page 77
PIC32MM0064GPL036 FAMILY
9.0
I/O PORTS
Many of the device pins are shared among the periph-
erals and the Parallel I/O (PIO) ports. All I/O input ports
feature Schmitt Trigger inputs for improved noise
immunity. Some pins in the devices are 5V tolerant
pins. Some of the key features of the I/O ports are:
• Individual Output Pin Open-Drain Enable/Disable
• Individual Input Pin Weak Pull-up and Pull-Down
• Monitor Selective Inputs and Generate Interrupt
when Change-in-Pin State is Detected
• Operation during Sleep and Idle modes
• Fast Bit Manipulation using the CLR, SET and
INV registers
Figure 9-1 illustrates a block diagram of a typical
multiplexed I/O port.
FIGURE 9-1:
BLOCK DIAGRAM OF A TYPICAL SHARED PORT STRUCTURE
Note:
This data sheet summarizes the features
of the PIC32MM0064GPL036 family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 12. “I/O Ports”
(DS60001120) in the “PIC32 Family
Reference Manual”
, which is available
from
the
Microchip
web
site
(www.microchip.com/PIC32). The infor-
mation in this data sheet supersedes the
information in the FRM.
Q
D
CK
WR LATx +
TRISx Latch
I/O Pin
WR PORTx
Data Bus
Q
D
CK
Data Latch
Read PORTx
Read TRISx
1
0
1
0
WR TRISx
Peripheral Output Data
Output Enable
Peripheral Input Data
I/O
Peripheral Module
Peripheral Output Enable
PIO Module
Output Multiplexers
Output Data
Input Data
Peripheral Module Enable
Read LATx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com