Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MM0016GPL028 Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 33Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 34Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 35Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 36Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 37Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 38Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 39Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 40Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 268 page
background image
 2015-2016 Microchip Technology Inc.
DS60001324B-page 37
PIC32MM0064GPL036 FAMILY
5.0
FLASH PROGRAM MEMORY
PIC32MM0064GPL036 family devices contain an
internal Flash program memory for executing user
code. The Program and Boot Flash Memory can be
write-protected. The erase page size is 512 32-bit
words. The program row size is 64 32-bit words. The
memory can be programmed by rows or by two 32-bit
words.
The devices implement an Error Correcting Code
(ECC). The memory control block contains a logic to
write and read ECC bits to and from the Flash memory.
The Flash is programmed at the same time as the cor-
responding ECC bits. The ECC provides improved
resistance to Flash errors. The ECC single-bit error will
be transparently corrected. The ECC double-bit error
results in a bus error exception.
There are three methods by which the user can
program this memory:
• Run-Time Self-Programming (RTSP)
• EJTAG Programming
• In-Circuit Serial Programming™ (ICSP™)
RTSP is performed by software executing from either
Flash or RAM memory. Information about RTSP tech-
niques is described in Section 5. “Flash Program-
ming”
in the “PIC32 Family Reference Manual”.
EJTAG programming is performed using the JTAG port
of the device. ICSP programming requires fewer con-
nections than for EJTAG programming. The EJTAG
and ICSP methods are described in the “PIC32 Flash
Programming Specification”
(DS60001145), which is
available for download from the Microchip web site.
5.1
Flash Controller Registers Write
Protection
The NVMPWP and NVMBWP registers, and the WR bit
in the NVMCON register are protected (locked) from an
accidental write. A special unlock sequence is required
to modify the content of these registers or bits.
To unlock, the following steps should be done:
1.
Disable interrupts prior to the unlock sequence.
2.
Execute the system unlock sequence by writing
the
key
values
of
0xAA996655
and
0x556699AA to the NVMKEY register in two
back-to-back Assembly or ‘C’ instructions.
3.
Write the new value to the required bits.
4.
Re-enable interrupts.
Note:
This data sheet summarizes the features
of the PIC32MM0064GPL036 family of
devices. It is not intended to be a
comprehensive reference source. To com-
plement the information in this data sheet,
refer to Section 5. “Flash Programming”
(DS60001121) in the “PIC32 Family Refer-
ence Manual”
, which is available from the
Microchip web site (www.microchip.com/
PIC32). The information in this data sheet
supersedes the information in the FRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com