Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MM0016GPL028 Datasheet(PDF) 86 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 86 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 82Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 83Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 84Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 85Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 86Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 87Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 88Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 89Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 268 page
background image
PIC32MM0064GPL036 FAMILY
DS60001324B-page 86
 2015-2016 Microchip Technology Inc.
REGISTER 9-1:
CNCONx: CHANGE NOTIFICATION CONTROL FOR PORTx REGISTER (x = A-C)
Bit
Range
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
31:24
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
23:16
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
15:8
R/W-0
U-0
U-0
U-0
R/W-0
U-0
U-0
U-0
ON
—
—
—CNSTYLE
—
—
—
7:0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-16 Unimplemented: Read as ‘0’
bit 15
ON:
Change Notification (CN) Control On bit
1
= CN is enabled
0
= CN is disabled
bit 14-12 Unimplemented: Read as ‘0’
bit 11
CNSTYLE:
Change Notification Style Selection bit
1
= Edge style (detects edge transitions, CNFx bits are used for a Change Notice event)
0
= Mismatch style (detects change from last PORTx read, CNSTATx bits are used for a Change Notification
event)
bit 10-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com