Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MM0016GPL028 Datasheet(PDF) 25 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 21Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 22Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 23Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 24Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 25Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 26Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 27Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 28Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 268 page
background image
 2015-2016 Microchip Technology Inc.
DS60001324B-page 25
PIC32MM0064GPL036 FAMILY
3.2
Architecture Overview
The MIPS32® microAptiv™ UC microprocessor core in
the PIC32MM0064GPL036 family devices contains
several logic blocks, working together in parallel, pro-
viding an efficient high-performance computing engine.
The following blocks are included with the core:
• Execution Unit
• General Purpose Register (GPR)
• Multiply/Divide Unit (MDU)
• System Control Coprocessor (CP0)
• Memory Management Unit (MMU)
• Power Management
• microMIPS Instructions Decoder
• Enhanced JTAG (EJTAG) Controller
3.2.1
EXECUTION UNIT
The processor core execution unit implements a load/
store architecture with single-cycle ALU operations
(logical, shift, add, subtract) and an autonomous Multiply/
Divide Unit (MDU). The core contains thirty-two 32-bit
General Purpose Registers (GPRs) used for integer
operations and address calculation. One additional
register file shadow set (containing thirty-two registers) is
added to minimize context switching overhead during
interrupt/exception processing. The register file consists
of two read ports and one write port, and is fully bypassed
to minimize operation latency in the pipeline.
The execution unit includes:
• 32-bit adder used for calculating the data address
• Address unit for calculating the next instruction address
• Logic for branch determination and branch target
address calculation
• Load aligner
• Bypass multiplexers used to avoid Stalls when
executing instruction streams where data produc-
ing instructions are followed closely by consumers
for their results
• Leading zero/one detect unit for implementing the
CLZ
and CLO instructions
• Arithmetic Logic Unit (ALU) for performing
arithmetic and bitwise logical operations
• Shifter and store aligner
3.2.2
MULTIPLY/DIVIDE UNIT (MDU)
The microAptiv UC core includes a Multiply/Divide Unit
(MDU) that contains a separate pipeline for multiply
and divide operations. This pipeline operates in parallel
with the Integer Unit (IU) pipeline and does not stall
when the IU pipeline stalls. This allows the long-
running MDU operations to be partially masked by
system Stalls and/or other Integer Unit instructions.
The high-performance MDU consists of a 32x16 booth
recoded multiplier, Result/Accumulation registers (HI
and LO), a divide state machine, and the necessary
multiplexers and control logic. The first number shown
(‘32’ of 32x16) represents the rs operand. The second
number (‘16’ of 32x16) represents the rt operand. The
microAptiv UC core only checks the value of the rt
operand to determine how many times the operation
must pass through the multiplier. The 16x16 and 32x16
operations pass through the multiplier once. A 32x32
operation passes through the multiplier twice.
The MDU supports execution of one 16x16 or 32x16
multiply operation every clock cycle; 32x32 multiply
operations can be issued every other clock cycle. Appro-
priate interlocks are implemented to stall the issuance of
back-to-back, 32x32 multiply operations. The multiply
operand size is automatically determined by logic built
into the MDU. Divide operations are implemented with a
simple 1-bit-per-clock iterative algorithm. An early-in
detection checks the sign extension of the dividend (rs)
operand. If rs is 8 bits wide, 23 iterations are skipped.
For a 16-bit wide rs, 15 iterations are skipped, and for a
24-bit wide rs, 7 iterations are skipped. Any attempt to
issue a subsequent MDU instruction while a divide is still
active causes an IU pipeline Stall until the divide
operation has completed.
Table 3-1 lists the repeat rate (peak issue rate of cycles
until the operation can be re-issued), and latency
(number of cycles until a result is available) for the
microAptiv UC core multiply and divide instructions.
The approximate latency and repeat rates are listed in
terms of pipeline clocks.
TABLE 3-1:
MULTIPLY/DIVIDE UNIT LATENCIES AND REPEAT RATES
Opcode
Operand Size (mul rt) (div rs)
Latency
Repeat Rate
MULT/MULTU
, MADD/MADDU,
MSUB/MSUBU
16 bits
1
1
32 bits
2
2
MUL
(GPR destination)
16 bits
2
1
32 bits
3
2
DIV/DIVU
8 bits
12
11
16 bits
19
18
24 bits
26
25
32 bits
33
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com