Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MM0016GPL028 Datasheet(PDF) 82 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 82 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 78Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 79Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 80Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 81Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 82Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 83Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 84Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 85Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 268 page
background image
9.9
I/O Ports Control Registers
TABLE 9-4:
PORTA REGISTER MAP
Bits
31/15
30/14
29/13
28/12
27/11
26/10
25/9
24/8
23/7
22/6
21/5
20/4
19/3
18/2
17/1
16/0
2600
ANSELA
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
—
—
—
—
—
—
ANSA<3:0>
000F
2610
TRISA
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
TRISA9(1,2)
—
—
—
—
TRISA<4:0>
021F
2620
PORTA
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
RA9(1,2)
—
—
—
—
RA<4:0>
xxxx
2630
LATA
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
LATA9(1,2)
—
—
—
—
LATA<4:0>
0000
2640
ODCA
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
ODCA9(1,2)
—
—
—
—
ODCA<4:0>
0000
2650
CNPUA
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
CNPUA9(1,2)
—
—
—
—
CNPUA<4:0>
0000
2660
CNPDA
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
CNPDA9(1,2)
—
—
—
—
CNPDA<4:0>
0000
2670 CNCONA
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
ON
—
—
—
CNSTYLE
—
—
—
—
—
—
—
—
—
—
—
0000
2680 CNEN0A
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
CNIEA9(1,2)
—
—
—
—
CNIEA<4:0>
0000
2690 CNSTATA
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
CNSTATA9(1,2)
—
—
—
—
CNSTATA<4:0>
0000
26A0 CNEN1A
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
CNIE1A9(1,2)
—
—
—
—
CNIE1A<4:0>
0000
26B0
CNFA
31:16
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0000
15:0
—
—
—
—
—
—
CNFA9(1,2)
—
—
—
CNFA<4:0>
0000
Legend: x
= unknown value on Reset; — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
Note 1:
These bits are not implemented in 20-pin devices.
2:
These bits are not implemented in 28-pin devices.
3:
All registers in this table have corresponding CLR, SET and INV registers at their virtual address, plus an offset of 0x4, 0x8 and 0xC, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com