Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC32MM0016GPL028 Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 97Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 98Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 99Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 100Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 101Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 102Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 103Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 104Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 268 page
background image
 2015-2016 Microchip Technology Inc.
DS60001324B-page 101
PIC32MM0064GPL036 FAMILY
bit 7-6
TMRPS<1:0>:
CCPx Time Base Prescale Select bits
11
= 1:64 prescaler
10
= 1:16 prescaler
01
= 1:4 prescaler
00
= 1:1 prescaler
bit 5
T32:
32-Bit Time Base Select bit
1
= 32-bit time base for timer, single edge output compare or input capture function
0
= 16-bit time base for timer, single edge output compare or input capture function
bit 4
CCSEL:
Capture/Compare Mode Select bit
1
= Input Capture mode
0
= Output Compare/PWM or Timer mode (exact function is selected by the MOD<3:0> bits)
bit 3-0
MOD<3:0>:
CCPx Mode Select bits
CCSEL = 1 (Input Capture modes):
1xxx
= Reserved
011x
= Reserved
0101
= Capture every 16th rising edge
0100
= Capture every 4th rising edge
0011
= Capture every rising and falling edge
0010
= Capture every falling edge
0001
= Capture every rising edge
0000
= Capture every rising and falling edge (Edge Detect mode)
CCSEL = 0 (Output Compare modes):
1111
= External Input mode: Pulse generator is disabled, source is selected by ICS<2:0>
1110
= Reserved
110x
= Reserved
10xx
= Reserved
0111
= Variable Frequency Pulse mode
0110
= Center-Aligned Pulse Compare mode, buffered
0101
= Dual Edge Compare mode, buffered
0100
= Dual Edge Compare mode
0011
= 16-Bit/32-Bit Single Edge mode: Toggles output on compare match
0010
= 16-Bit/32-Bit Single Edge mode: Drives output low on compare match
0001
= 16-Bit/32-Bit Single Edge mode: Drives output high on compare match
0000
= 16-Bit/32-Bit Timer mode: Output functions are disabled
REGISTER 12-1:
CCPxCON1: CAPTURE/COMPARE/PWMx CONTROL 1 REGISTER (CONTINUED)
Note 1:
This control bit has no function in Input Capture modes.
2:
This control bit has no function when TRIGEN = 0.
3:
Values greater than ‘0011’ will cause a FIFO buffer overflow in Input Capture mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com