Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SNLS059E Datasheet(PDF) 47 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 47 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 43Page - Texas Instruments SNLS059E Datasheet HTML 44Page - Texas Instruments SNLS059E Datasheet HTML 45Page - Texas Instruments SNLS059E Datasheet HTML 46Page - Texas Instruments SNLS059E Datasheet HTML 47Page - Texas Instruments SNLS059E Datasheet HTML 48Page - Texas Instruments SNLS059E Datasheet HTML 49Page - Texas Instruments SNLS059E Datasheet HTML 50Page - Texas Instruments SNLS059E Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 110 page
background image
46
www.national.com
4.0 Register Set (Continued)
4.2.6 Interrupt Status Register
This register indicates the source of an interrupt when the INTA pin goes active. Enabling the corresponding bits in the
Interrupt Mask Register (IMR) allows bits in this register to produce an interrupt. When an interrupt is active, one or more
bits in this register are set to a “1”. The Interrupt Status Register reflects all current pending interrupts, regardless of the
state of the corresponding mask bit in the IMR. Reading the ISR clears all interrupts. Writing to the ISR has no effect.
Tag: ISR
Size: 32 bits
Hard Reset: 03008000h
Offset: 0010h
Access: Read Only
Soft Reset: 03008000h
Bit
Bit Name
Description
31-26
Reserved
25
TXRCMP
Transmit Reset Complete
Indicates that a requested transmit reset operation is complete.
24
RXRCMP
Receive Reset Complete
Indicates that a requested receive reset operation is complete.
23
DPERR
Detected Parity Error
This bit is set whenever CFGCS:DPERR is set, but cleared (like all other ISR bits) when the ISR register
is read.
22
SSERR
Signaled System Error
The DP83815 signaled a system error on the PCI bus.
21
RMABT
Received Master Abort
The DP83815 received a master abort generated as a result of target not responding.
20
RTABT
Received Target Abort
The DP83815 received a target abort on the PCI bus.
19-17
unused
16
RXSOVR
Rx Status FIFO Overrun
Set when an overrun condition occurs on the Rx Status FIFO.
15
HIBERR
High Bits Error Set
A logical OR of bits 25-16.
14
PHY
Phy interrupt
Set to 1 when internal phy generates an interrupt.
13
PME
Power Management Event
Set when WOL conditioned detected.
12
SWI
Software Interrupt
Set whenever the SWI bit in the CR register is set.
11
MIB
MIB Service
Set when one of the enabled management statistics has reached its interrupt threshold. (See
Section 4.2.23)
10
TXURN
Tx Underrun
Set when a transmit data FIFO underrun condition occurs.
9
TXIDLE
Tx Idle
This event is signaled when the transmit state machine enters the idle state from a non-idle state. This
will happen whenever the state machine encounters an "end-of-list" condition (NULL link field or a
descriptor with OWN clear).
8
TXERR
Tx Packet Error
This event is signaled after the last transmit descriptor in a failed transmission attempt has been updated
with valid status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com