Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SNLS059E Datasheet(PDF) 7 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 7 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 3Page - Texas Instruments SNLS059E Datasheet HTML 4Page - Texas Instruments SNLS059E Datasheet HTML 5Page - Texas Instruments SNLS059E Datasheet HTML 6Page - Texas Instruments SNLS059E Datasheet HTML 7Page - Texas Instruments SNLS059E Datasheet HTML 8Page - Texas Instruments SNLS059E Datasheet HTML 9Page - Texas Instruments SNLS059E Datasheet HTML 10Page - Texas Instruments SNLS059E Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 110 page
background image
6
www.national.com
2.0 Pin Description
PCI Bus Interface
Symbol
LQFP Pin
No(s)
LBGA Pin
No(s)
Dir
Description
AD[31-0]
66, 67, 68, 70,
71, 72, 73, 74,
78, 79, 81, 82,
83, 86, 87, 88,
101, 102, 104,
105, 106, 108,
109, 110, 112,
113, 115, 116,
118, 119, 120,
121
K3, K2, K4,
L3, L2, M1,
N3, P3, L4
N5, M5, L5,
N6, L6, N7,
P7, N10, L10,
M11, N11,
P12, N12,
M13, M14,
L12, L14,
K13, K14,
K11, J13, J14,
J12
I/O
Address and Data: Multiplexed address and data bus. As a bus
master, the DP83815 will drive address during the first bus phase.
During subsequent phases, the DP83815 will either read or write
data expecting the target to increment its address pointer. As a bus
target, the DP83815 will decode each address on the bus and
respond if it is the target being addressed.
CBEN[3-0]
75, 89, 100,
111
N4, L7, M10,
L13
I/O
Bus Command/Byte Enable: During the address phase these
signals define the “bus command” or the type of bus transaction that
will take place. During the data phase these pins indicate which byte
lanes contain valid data. CBEN[0] applies to byte 0 (bits 7-0) and
CBEN[3] applies to byte 3 (bits 31-24) in the Little Endian Mode. In
Big Endian Mode, CBEN[3] applies to byte 0 (bits 31-24) and
CBEN[0] applies to byte 3 (bits 7-0).
PCICLK
60
H4
I
Clock: This PCI Bus clock provides timing for all bus phases. The
rising edge defines the start of each phase. The clock frequency
ranges from 0 to 33 MHz.
DEVSELN
95
P9
I/O
Device Select: As a bus master, the DP83815 samples this signal to
insure that the destination address for the data transfer is recognized
by a PCI target. As a target, the DP83815 asserts this signal low
when it recognizes its address after FRAMEN is asserted.
FRAMEN
91
M7
I/O
Frame: As a bus master, this signal is asserted low to indicate the
beginning and duration of a bus transaction. Data transfer takes
place when this signal is asserted. It is de-asserted before the
transaction is in its final phase. As a target, the device monitors this
signal before decoding the address to check if the current transaction
is addressed to it.
GNTN
63
J2
I
Grant: This signal is asserted low to indicate to the DP83815 that it
has been granted ownership of the bus by the central arbiter. This
input is used when the DP83815 is acting as a bus master.
IDSEL
76
M4
I
Initialization Device Select: This pin is sampled by the DP83815 to
identify when configuration read and write accesses are intended for
it.
INTAN
61
J1
O
Interrupt A: This signal is asserted low when an interrupt condition
occurs as defined in the Interrupt Status Register, Interrupt Mask,
and Interrupt Enable registers.
IRDYN
92
P8
I/O
Initiator Ready: As a bus master, this signal will be asserted low
when the DP83815 is ready to complete the current data phase
transaction. This signal is used in conjunction with the TRYDN
signal. Data transaction takes place at the rising edge of PCICLK
when both IRDYN and TRDYN are asserted low. As a target, this
signal indicates that the master has put the data on the bus.
PAR
99
P10
I/O
Parity: This signal indicates even parity across AD[31-0] and
CBEN[3-0] including the PAR pin. As a master, PAR is asserted
during address and write data phases. As a target, PAR is asserted
during read data phases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com