Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SNLS059E Datasheet(PDF) 87 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 87 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 83Page - Texas Instruments SNLS059E Datasheet HTML 84Page - Texas Instruments SNLS059E Datasheet HTML 85Page - Texas Instruments SNLS059E Datasheet HTML 86Page - Texas Instruments SNLS059E Datasheet HTML 87Page - Texas Instruments SNLS059E Datasheet HTML 88Page - Texas Instruments SNLS059E Datasheet HTML 89Page - Texas Instruments SNLS059E Datasheet HTML 90Page - Texas Instruments SNLS059E Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
5.0 Buffer Management (Continued)
Subject to change without notice.
86
Rev O www.national.com
5.3 Receive Architecture
The receive architecture is as "symmetrical" to the transmit
architecture as possible. The receive buffer manager
prefetches receive descriptors to prepare for incoming
packets. When the amount of receive data in the
RxDataFIFO is more than the RxDrainThreshold, or the
RxDataFIFO contains a complete packet, then the state
machine begins filling received buffers in host memory.
Figure 5-6 Receive Architecture
When the RXE bit is set to 1 in the CR register (regardless
of the current state), and the DP83815 receive state
machine is idle, then DP83815 will read the contents of the
descriptor referenced by RXDP into the Rx Descriptor
Cache. The Rx Descriptor Cache allows the DP83815 to
read an entire descriptor in a single burst, and reduces the
number of bus accesses required for fragment information
to 1. The DP83815 Rx Descriptor Cache holds a single
buffer pointer/count combination.
5.3.1 Receive State Machine
The receive state machine has the following states:
The receive state machine manipulates the following internal data spaces:
Inputs to the receive state machine include the following events:
Receive Descriptor List
Rx Descriptor Cache
Software/Memory
Hardware
Rx Data FIFO
link
cmdsts
ptr
ptr
Rx DMA
cmdsts
RxHead
link
link
cmdsts
ptr
link
cmdsts
ptr
rxIdle
The receive state machine is idle.
rxDescRefr
Waiting for the "refresh" transfer of the link field of a completed descriptor from the PCI bus.
rxDescRead
Waiting for the transfer of a descriptor from the PCI bus into the RxDescCache.
rxFifoBlock
Waiting for the amount of data in the RxDataFifo to reach the RxDrainThreshold or to represent a
complete packet.
rxFragWrite
Waiting for the transfer of data from the RxDataFIFO via the PCI bus to host memory.
rxDescWrite
Waiting for the completion of the write of the cmdsts field of a receive descriptor.
RXDP
A 32-bit register that points to the current receive descriptor.
CRDD
An internal bit flag that is set when the current receive descriptor has been completed, and ownership
has been returned to the driver. It is cleared whenever RXDP is loaded with a new value (either by the
state machine, or the driver).
RxDescCache An internal data space equal to the size of the maximum receive descriptor supported.
descCnt
Count of bytes available for storing receive data in all fragments described by the current descriptor.
fragPtr
Pointer to the next unwritten byte in the current fragment.
rxPktCnt
Number of packets in the rxDataFifo. Incremented by the MAC (the fill side of the FIFO). Decremented
by the receive state machine as packets are processed.
rxPktBytes
Number of bytes in the current packet being drained from the rxDataFifo, that are in fact currently in the
rxDataFifo (Note: packets larger than FIFO size, this number will never be greater than the FIFO size).
CR:RXE
The RXE bit in the Command Register has been set.
XferDone
completion of a PCI bus transfer request.
FifoReady
(rxPktCnt > 0) or (rxPktBytes > rxDrainThreshold)... in other words, if we have a complete packet in the
FIFO (regardless of size), or the number of bytes that we do have is greater than the rxDrainThreshold,
then we are ready to begin draining the rxDataFifo.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com