Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SNLS059E Datasheet(PDF) 82 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 82 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 78Page - Texas Instruments SNLS059E Datasheet HTML 79Page - Texas Instruments SNLS059E Datasheet HTML 80Page - Texas Instruments SNLS059E Datasheet HTML 81Page - Texas Instruments SNLS059E Datasheet HTML 82Page - Texas Instruments SNLS059E Datasheet HTML 83Page - Texas Instruments SNLS059E Datasheet HTML 84Page - Texas Instruments SNLS059E Datasheet HTML 85Page - Texas Instruments SNLS059E Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 110 page
background image
81
www.national.com
5.0 Buffer Management (Continued)
Table 5-4 Receive Status Bit Definitions
5.1.2 Single Descriptor Packets
To represent a packet in a single descriptor, the MORE bit in the cmdsts field is set to 0.
Figure 5-1 Single Descriptor Packets
Bit
Tag
Description
Usage
26
RXA
Receive Aborted
Set to 1 by DP83815 when the receive was aborted, the value of
this bit always equals RXO. Exists for backward compatibility.
25
RXO
Receive Overrun
Set to 1 by DP83815 to indicate that a receive overrun condition
occurred. RXA will also be set.
24-23
DEST
Destination Class
When the receive filter is enabled, these bits will indicate the
destination address class as follows:
00 - Packet was rejected
01 - Destination is a Unicast address
10 - Destination is a Multicast address
11 - Destination is a Broadcast address
If the Receive Filter is enabled, 00 indicates that the packet was
rejected. Normally packets that are rejected do not cause any bus
activity, nor do they consume receive descriptors. However, this
condition could occur if the packet is rejected by the Receive Filter
later in the packet than the receive drain threshold
(RXCFG:DRTH).
Note: The DEST bits may not represent a correct DA class for runt
packets received with less than 6 bytes.
22
LONG
Too Long Packet
Received
If RXCFG:ALP=0, this flag indicates that the size of the receive
packet exceeded 1518 bytes.
If RXCFG:ALP=1, this flag indicates that the size of the receive
packet exceeded 2046 bytes.
21
RUNT
Runt Packet Received The size of the receive packet was less than 64 bytes (inc. CRC).
20
ISE
Invalid Symbol Error
(100 Mb/s only) An invalid symbol was encountered during the
reception of this packet.
19
CRCE
CRC Error
The CRC appended to the end of this packet was invalid.
18
FAE
Frame Alignment Error The packet did not contain an integral number of octets.
17
LBP
Loopback Packet
The packet is the result of a loopback transmission.
16
COL
Collision Activity
The receive packet had a collision during reception.
link
ptr
MAC hdr
netwk hdr
data
0
64
single descriptor / single fragment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com