Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SNLS059E Datasheet(PDF) 53 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 53 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 49Page - Texas Instruments SNLS059E Datasheet HTML 50Page - Texas Instruments SNLS059E Datasheet HTML 51Page - Texas Instruments SNLS059E Datasheet HTML 52Page - Texas Instruments SNLS059E Datasheet HTML 53Page - Texas Instruments SNLS059E Datasheet HTML 54Page - Texas Instruments SNLS059E Datasheet HTML 55Page - Texas Instruments SNLS059E Datasheet HTML 56Page - Texas Instruments SNLS059E Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
52
www.national.com
4.0 Register Set (Continued)
4.2.12 Receive Configuration Register
This register is used to set the receive configuration for DP83815. Receive properties such as accepting error packets,
runt packets, setting the receive drain threshold etc. are controlled here.
Tag: RXCFG
Size: 32 bits
Hard Reset: 00000002h
Offset: 0034h
Access: Read Write
Soft Reset: 00000002h
Bit
Bit Name
Description
31
AEP
Accept Errored Packets
When set to 1, all packets with CRC, alignment, and/or collision errors will be accepted. When set to 0,
all packets with CRC, alignment, and/or collision errors will be rejected if possible. Note that depending
on the type of error, some packets may be received with errors, regardless of the setting of AEP. These
errors will be indicated in the CMDSTS field of the last descriptor in the packet.
30
ARP
Accept Runt Packets
When set to 1, all packets under 64 bytes in length without errors are accepted. When this bit is 0, all
packets less than 64 bytes in length will be rejected if possible.
29
unused
28
ATX
Accept Transmit Packets
When set to 1, data received simultaneously to a local transmission (such as during a PMD loopback or
full duplex operation) will be accepted as valid received data. Additionally, when set to 1, the receiver will
ignore collision activity. When set to 0 (default), all data receive simultaneous to a local transmit will be
rejected. This bit must be set to 1 for PMD loopback and full duplex operation.
27
ALP
Accept Long Packets
When set to 1, all packets > 1518 bytes in length and <= 2046 bytes will be treated as normal receive
packets, and will not be tagged as long or error packets. All packets > 2046 bytes in length will be
truncated at 2046 bytes and either rejected from the FIFO, or tagged as long packets. Care must be
taken when accepting long packets to ensure that buffers provided are of adequate length. When ALP is
set to 0, packets larger than 1518 bytes (CRC inclusive) will be truncated at 1514 bytes, and rejected if
possible.
26
unused
25-23
unused
Writes are ignored, reads return 000b.
22-20
MXDMA
Max DMA Burst Size per Rx DMA Burst
This field sets the maximum size of receive DMA data bursts according to the following table:
000 = 128 32-bit words (512 bytes)
001 = 1 32-bit word (4 bytes)
010 = 2 32-bit words (8 bytes)
011 = 4 32-bit words (16 bytes)
100 = 8 32-bit words (32 bytes)
101 = 16 32-bit words (64 bytes)
110 = 32 32-bit words (128 bytes)
111 = 64 32-bit words (256 bytes)
19-6
unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com