Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SNLS059E Datasheet(PDF) 68 Page - Texas Instruments

Part # SNLS059E
Description  DP83815 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS059E Datasheet(HTML) 68 Page - Texas Instruments

Back Button SNLS059E Datasheet HTML 64Page - Texas Instruments SNLS059E Datasheet HTML 65Page - Texas Instruments SNLS059E Datasheet HTML 66Page - Texas Instruments SNLS059E Datasheet HTML 67Page - Texas Instruments SNLS059E Datasheet HTML 68Page - Texas Instruments SNLS059E Datasheet HTML 69Page - Texas Instruments SNLS059E Datasheet HTML 70Page - Texas Instruments SNLS059E Datasheet HTML 71Page - Texas Instruments SNLS059E Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 110 page
background image
67
www.national.com
4.0 Register Set (Continued)
4.3 Internal PHY Registers
The Internal Phy Registers are only 16 bits wide. Bits [31:16] are not used. In the following register definitions under the
‘Default’ heading, the following definitions hold true:
—RW=Read Write access
—RO=Read Only access
— LL=Latched Low and held until read, based upon the occurrence of the corresponding event
—LH=Latched High and held until read, based upon the occurrence of the corresponding event
— SC=Register sets on event occurrence and Self-Clears when event ends
— P=Register bit is Permanently set to a default value
—COR=Clear On Read
4.3.1 Basic Mode Control Register
Tag: BMCR
Size: 16 bits
Hard Reset: XX00h
Offset: 0080h
Access: Read Write
Bit
Bit Name
Description
15
Reset
Reset: Default: 0, RW/SC
1 = Initiate software Reset / Reset in Process
0 = Normal operation
This bit, which is self-clearing, returns a value of one until the reset process is complete. The configuration
is re-strapped.
14
Loopback
Loopback: Default: 0
1 = Loopback enabled
0 = Normal operation
The loopback function enables MII transmit data to be routed to the MII receive data path.
Setting this bit may cause the de-scrambler to lose synchronization and produce a 500
µs “dead time”
before any valid data will appear at the MII receive outputs.
13
Speed
Selection
Speed Select: Default: dependent on the setting of the ANEG_SEL bits in the CFG register
When auto-negotiation is disabled writing to this bit allows the port speed to be selected.
1 = 100 Mb/s
0 = 10 Mb/s
12
Auto-
Negotiation
Enable
Auto-Negotiation Enable: Default: dependent on the setting of the ANEG_SEL bits in the CFG register
1 = Auto-Negotiation Enabled - bits 8 and 13 of this register are ignored when this bit is set.
0 = Auto-Negotiation Disabled - bits 8 and 13 determine the port speed and duplex mode.
11
Power Down Power Down: Default: 0
1 = Power down
0 = Normal operation
Setting this bit powers down the port.
10
Isolate
Isolate: Default: 0
1 = Isolates the port from the MII with the exception of the serial management.
0 = Normal operation
9
Restart Auto-
Negotiation
Restart Auto-Negotiation: Default: 0, RW/SC
1 = Restart Auto-Negotiation
0 = Normal operation
When this bit is set, it re-initiates the Auto-Negotiation process. If Auto-Negotiation is disabled (bit 12 =
0), this bit is ignored. This bit is self-clearing and will remain a value of 1 until Auto-Negotiation is initiated,
whereupon it will self-clear. Operation of the Auto-Negotiation process is not affected by the management
entity clearing this bit.
8
Duplex Mode Duplex Mode: Default: dependent on the setting of the ANEG_SEL bits in the CFG register
When auto-negotiation is disabled writing to this bit allows the port Duplex capability to be selected.
1 = Full Duplex operation
0 = Half Duplex operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com