Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4931ITL/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 12Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 13Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 14Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 15Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 16Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 17Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 18Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 19Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
Table 11. LS_GAIN (04h) (SET = LOGIC 1, CLEAR = LOGIC 0)
Address
Register
Description
4:0
LS_GAIN
Programs the gain of the loudspeaker amplifier. Gain is set as follows:
4:0
Loudspeaker Gain
4:0
Loudspeaker Gain
00000
–34.5dB
10000
–10.5dB
00001
–33dB
10001
–9dB
00010
–31.5dB
10010
–7.5dB
00011
–30dB
10011
–6dB
00100
–28.5dB
10100
–4.5dB
00101
–27dB
10101
–3dB
00110
–25.5dB
10110
–1.5dB
00111
–24dB
10111
0dB
01000
–22.5dB
11000
1.5dB
01001
–21dB
11001
3dB
01010
–19.5dB
11010
4.5dB
01011
–18dB
11011
6dB
01100
–16.5dB
11100
7.5dB
01101
–15dB
11101
9dB
01110
–13.5dB
11110
10.5dB
01111
–12dB
11111
12dB
5
LS_MUTE
If set the loudspeaker amplifier is muted.
6
LS_AUTO_MUTE
If set the loudspeaker amplifier is automatically muted when the headphone sense detects that the
headphones have been connected. This uses the conditions set by HP_SENSE_TYPE to determine
if the headphones are connected.
7
LS_PWDN
If set the Class D amplifier is disabled. If an external amplifier is being used, an enable signal can
be accessed on the GPIO.
PLL Configuration Registers
This register is used to control the frequency divider (M divider) which sits before the PLL phase comparator, it
also allows the 3 MSBs of the N_divider’s modulus input to be programmed. See Figure 5 for further explanation.
Table 12. DEFAULT CHART FOR PLL_M (05h)
DATA BIT
7
6
5
4
3
2
1
0
DEFAULT
0
0
0
0
0
0
0
0
Table 13. PLL_M (05h) (SET = LOGIC 1, CLEAR = LOGIC 0)
Address
Register
Description
4:0
PLL_M
Programs the PLL input divider from divide by 4 to divide by 31. It is also possible to
bypass the divider if PLL_M = 1 or divide by 2 if PLL_M = 2. Setting PLL_M = 3 will
default to divide by 4.
7:5
PLL_N_MOD1
Programs the modulus bits [4:2] of the PLL feedback divider .
This register is used to control the integer of the PLL feedback divider (fractional N divider).
Table 14. DEFAULT CHART FOR PLL_N (06h)
DATA BIT
7
6
5
4
3
2
1
0
DEFAULT
0
0
0
0
0
0
0
0
16
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com