Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4931ITL/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 9Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 10Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 11Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 12Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 13Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 14Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 15Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
Table 1. SYSTEM CONTROL TABLE
Address
Register Name
Description
00000000
BASIC_CONFIG
Controls the output mode configuration
00000001
VOICE_CONFIG
Controls the settings for the voice codec
00000010
MIC_GAIN
Controls the gain and muting of the
microphone pre-amplifier
00000011
HP_GAIN
Controls the gain and muting of the
headphone amplifier
00000100
LS_GAIN
Controls the gain and muting of the
loudspeaker amplifier
00000101
PLL_M
Sets the PLL input divider
00000110
PLL_N
Sets the PLL feedback divider
00000111
PLL_P
Sets the PLL output divider
00001000
CLK_MUX
Configures the clock divider
00001001
INTERFACES
Controls the format of the PCM, I2S and
GPIO interfaces
00001010
PMC_CONFIG
Controls the power management functions
Basic Configuration Register
This register used to configure the basic function of the chip.
Table 2. DEFAULT CHART FOR BASIC_CONFIG (00h)
DATA BIT
7
6
5
4
3
2
1
0
DEFAULT
0
0
0
0
0
0
0
0
Table 3. BASIC_CONFIG (00h) (SET = LOGIC 1, CLEAR = LOGIC 0)
Address
Register
Description
3:0
MODE
The LM4931 can be placed in one of several modes that dictate the basic operation. When a new
mode is selected the LM4931 will change operation silently and will reconfigure the power
management profile automatically. The modes are described as follows(1):
3:0
Mono Speaker
Headphone Left
Headphone
Comment
Amplifier Source Source
Right Source
0000
None
None
None
Powerdown mode
0001
None
None
None
Standby mode
0010
Voice
None
None
Mono speaker
mode
0011
None
Voice
Voice
Headphone call
mode
0100
Voice
Voice
Voice
Conference call
mode
0101
Audio (L+R)
None
None
L+R mixed to mono
speaker
0110
None
Audio (Left)
Audio (Right)
Headphone stereo
audio
0111
Audio (L+R)
Audio (Left)
Audio (Right)
L+R mixed to mono
speaker + stereo
headphone audio
1000
Audio (Left)
Voice
Voice
Mixed mode
1001
Voice + Audio
Voice
Voice
Mixed mode
(Left)
1010
Voice
Audio (Left)
Audio (Left)
Mixed mode
(1)
Modes 8, 9, and 10 are only available if the sample rate of the I2S is an integer multiple of the sample rate of the PCM. For example,
48kHz (I2S) and 8kHz (PCM) would be acceptable.
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com