Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4931ITL/NOPB Datasheet(PDF) 31 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 31 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 27Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 28Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 29Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 30Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 31Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 32Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 33Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 34Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 50 page
background image
1
2
3
4
5
6
JP11
1
2
JP3
1
2
JP5
1
2
JP7
1
2
JP9
1
2
JP8
1
2
3
4
5
6
7
8
9
10
JP13
VDD_D
VDD_D
VDD_PLL
S1
VDD_D
VDD_D
VDD_PLL
VDD_A
VDD_A
47 PF
C10
47 PF
C11
1k
R9
1k
R10
VDD_A
100k
R6
1 PF
C9
1 PF
C8
5k
R5
5k
R7
422
R13
150 nF
C12
10 nF
C15
VDD_D
1
2
3
JP1
1 PF
C1
1 PF
C2
2k
R1
2k
R4
1 PF
C3
1 PF
C5
1PF
C7
0.1 PF C4
0.1 PF
C6
1
7
8
14
Crytal Osc
Y1
300
R11
1 mH
L2
0.022 PF
C13
0.022 PF
C14
1 mH
L1
LSGND
1
2
JP6
S8
S9
S7
S6
22
R12
68 nF
C16
1
2
JP10
LSGND
LSGND
VDD_LS
VDD_LS
LSGND
S10
S3
S5
S12
S4
S11
100k
R2
100k
R8
P1
100k
R3
S13
S14
1PF
C18
1 PF
C20
0.1 PF
C17
0.1 PF
C19
PCM_SDI
B6
PCM_CLK
C6
PCM_SDO
C4
I2S_SDI
D4
I2S_CLK
D5
I2S_WS
E4
GPIO
E3
MCLK
E5
PLL_IN
G5
PLL_OUT
F5
HP_SENSE
F3
LS+
F1, G1
LS-
G3
HPR
E2
HPL
D1
MIC_P
A1, B1
MIC_BIAS
B2
MIC_N
A2
MIC_REF
C2
BYPASS
B3
MODE
A4
ADDR/ENB
B4
SDA/SDI
A5
SCL/SCK
B5
PCM_SYNC
C5
LM4931ITL
U1
1
2
JP14
1
2
3
HP OUT2
JP15
1
2
3
4
5
6
7
8
9
10
JP12
1
2
S15
LM4931
www.ti.com
SNAS251E – APRIL 2004 – REVISED MAY 2013
APPLICATION INFORMATION
REFERENCE DESIGN BOARD AND LAYOUT
LM4931ITL Board Layout
Figure 60. LM4931ITL Demo Board Schematic
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com