Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4931ITL/NOPB Datasheet(PDF) 43 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 43 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 39Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 40Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 41Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 42Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 43Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 44Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 45Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 46Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
LM4931
www.ti.com
SNAS251E – APRIL 2004 – REVISED MAY 2013
PLL Loop Filter
The LM4931 demoboard features an onboard second and third order PLL loop filter. Jumpers (S6-S9) configure
the demoboard to select between the second and third order PLL loop filters. Reference values for the loop filters
are given in the Table 25 section. For a more detailed discussion on how to optimize a second and third order
PLL loop filter.
ANALOG INPUTS AND OUTPUTS
The LM4931 features a high-efficiency class D mono BTL output for connection to an 8
Ω external speaker. This
output can provide up to 1.1W of power into an 8 ohms load with a 5V analog supply. A single-ended stereo
headphone output is also featured, providing up to 26mW of power per channel into 32
Ω with a 5V analog
supply. The MIC Jack input (JP1) provides for a low level analog input. Pin 3 provides the power to the MIC and
the positive input of the LM4931. Gain for the MIC preamp is set in the MIC_GAIN (02h) register.
HIGH EFFICIENCY CLASS D AMPLIFIER FUNCTION
The class D mono output signals generated by the LM4931 consist of two, BTL connected, output signals that
pulse momentarily from near ground potential to VDD. The two outputs can pulse independently with the
exception that they both may never pulse simultaneously as this would result in zero volts across the BTL load.
The minimum width of each pulse is approximately 160ns. However, pulses on the same output can occur
sequentially, in which case they are concatenated and appear as a single wider pulse to achieve an effective
100% duty cycle. This results in maximum audio output power for a given supply voltage and load impedance.
The LM4931 can achieve much higher efficiencies than class AB amplifiers while maintaining acceptable THD
performance. The short (160ns) drive pulses emitted at the LM4931 outputs means that good efficiency can be
obtained with minimal load inductance. The typical transducer load on an audio amplifier is quite reactive
(inductive). For this reason, the load can act as it’s own filter, so to speak. This "filter-less" switching
amplifier/transducer load combination is much more attractive economically due to savings in board space and
external component cost by eliminating the need for a filter.
CLASS D POWER DISSIPATION AND EFFICIENCY
In general terms, efficiency is considered to be the ratio of useful work output divided by the total energy required
to produce it with the difference being the power dissipated, typically, in the IC. The key here is “useful” work. For
audio systems, the energy delivered in the audible bands is considered useful including the distortion products of
the input signal. Sub-sonic (DC) and super-sonic components (>22kHz) are not useful. The difference between
the power flowing from the power supply and the audio band power being transduced is dissipated in the
LM4931 and in the transducer load. The amount of power dissipation in the LM4931 is very low. This is because
the ON resistance of the switches used to form the output waveforms is typically less than 0.25
Ω. This leaves
only the transducer load as a potential "sink" for the small excess of input power over audio band output power.
The LM4931 dissipates only a fraction of the excess power requiring no additional PCB area or copper plane to
act as a heat sink.
DUAL MICROPHONE SUPPORT
The LM4931 can be configured to accept two separate microphone inputs when used in conjunction with the
LMS4684. The LMS4684 is a dual SPDT analog switch that will allow the MIC_P and MIC_N inputs of the
LM4931 to switch between a differential handset microphone and a single-ended handsfree microphone. The
MIC DETECT block shown in Figure 67 can be implemented with a microphone jack’s mechanical control pin to
set the voltage at the IN1 and IN2 pins of the LMS4684. The voltage applied at the IN1 and IN2 pins sets the
position of the switch. For a more detailed discussion on the operation of the analog switch, please refer to the
LMS4684 datasheet.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com