Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4931ITL/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 3Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 4Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 5Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 6Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 7Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 8Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 9Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 10Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
LM4931
www.ti.com
SNAS251E – APRIL 2004 – REVISED MAY 2013
Electrical Characteristics DVDD = 3V, AVDD = 3V, RLHP = 32Ω, RLHF = 8Ω
(1)(2) (continued)
The following specifications apply for the circuit shown in Figure 62, unless otherwise specified. Limits apply for TA = 25°C.
Symbol
Parameter
Conditions
LM4931
Units
(Limits)
Typical(3
Limits(4)
)
SS
Side Tone Step Size
3
dB
Audio DAC (Typical numbers are with 6.144MHz audio clock and 48kHz sampling frequency)
RDAC
Audio DAC Ripple
20Hz–20kHz through headphone output
+/-0.1
dB
PBDAC
Audio DAC Passband width
–3dB point
22.7
kHz
SBADAC
Audio DAC Stop band Attenuation
Above 24kHz
76
dB
DRDAC
Audio DAC Dynamic Range
DC – 20kHz
97
dB
SNRDAC
Audio DAC SNR Digital Filter Section
DC – 20kHz
97
dB
PLL
fIN
Input Frequency on MCLK pin
12
10
MHz (min)
25
MHz (max)
SPI/I2C
fSPI
Maximum SPI Frequency
400
4000
kHz (max)
tSPISETD
SPI Data Setup Time
100
ns (min)
tSPISETENB
SPI ENB Setup Time
100
ns (min)
tSPIHOLDD
SPI Data Hold Time
100
ns (min)
tSPIHOLDENB
SPI ENB Hold Time
100
ns (min)
tSPICL
SPI Clock Low Time
500
ns (min)
tSPICH
SPI Clock HighTime
500
ns (min)
tSPIT
SPI Clock Transition Time
5
ns (min)
fCLKI2C
I2C_CLK Frequency
400
3400
kHz (max)
tI2CHOLD
I2C_DATA Hold Time
100
ns (min)
tI2CSET
I2C_DATA Setup Time
100
ns (min)
PCM/I2S
fCLKPCM
PCM_CLK Frequency
128
kHz
PCM_CLK Duty Cycle
50
40
% (min)
60
% (max)
I2S_CLK Frequency
I2S_RES = 0
1536
kHz
fCLKI2S
I2S_RES = 1
3072
kHz
I2S_WS Duty Cycle
50
40
% (min)
60
% (max)
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com