Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4931ITL/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 18Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 19Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 20Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 21Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 22Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 23Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 24Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 25Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
3.2k 3.4k 3.6k 3.8k 4k 4.2k 4.4k 4.6k 4.8k 5k
FREQUENCY (Hz)
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
+0
+5
+10
3k
3.2k 3.4k 3.6k 3.8k 4k 4.2k 4.4k 4.6k 4.8k 5k
FREQUENCY (Hz)
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
+0
+5
+10
3k
200
3.4k
FREQUENCY (Hz)
-0.4
-0.2
+0
+0.2
+0.4
3.2k
3k
2.8k
2.6k
2.4k
2.2k
2k
1.8k
1.6k
1.4k
1.2k
400
600
800
1k
1k
20
FREQUENCY (Hz)
-100
100
2k
200
500
4k
50
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
+0
200
3.4k
FREQUENCY (Hz)
-0.4
-0.2
+0
+0.2
+0.4
3.2k
3k
2.8k
2.6k
2.4k
2.2k
2k
1.8k
1.6k
1.4k
1.2k
400
600
800
1k
1k
20
FREQUENCY (Hz)
-100
100
2k
200
500
4k
50
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
+0
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
MIC PreAmp + ADC Frequency Response
MIC PreAmp + ADC Frequency Response Zoom
(MIC Gain = 6dB)
(MIC Gain = 6dB)
Figure 8.
Figure 9.
MIC PreAmp + ADC Frequency Response
MIC PreAmp + ADC Frequency Response Zoom
(MIC Gain = 36dB)
(MIC Gain = 36dB)
Figure 10.
Figure 11.
MIC PreAmp + ADC Frequency Response High Cutoff
MIC PreAmp + ADC Frequency Response High Cutoff
(MIC Gain = 6dB)
(MIC Gain = 36dB)
Figure 12.
Figure 13.
22
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com