Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4931ITL/NOPB Datasheet(PDF) 40 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 36Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 37Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 38Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 39Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 40Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 41Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 42Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 43Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
MCLK/XTAL_IN (JP3)
This is the input for an external Master Clock. The jumper at S13 must be removed (disconnecting the onboard
crystal from the circuit) when using an external Master Clock. Additionally, the jumper S14 may be used to
connect the MCLK with the PCM and I2S interface buses.
High-Efficiency Class D BTL Mono Out (JP5)
This is the high-efficiency mono speaker output, designed for use with an 8
Ω speaker. The outputs are driven in
bridge-tied-load (BTL) mode, so both sides have signal. Outputs are normally biased at one half AVDD when the
LM4931 is in active mode. The class D amplifier provides exceptional power use savings versus standard class
AB amplifiers. A measurement output (JP6) is also provided, since the switching characteristics of an unfiltered
Class D output often render conventional audio measurement techniques useless. This output band-limits the
output to 20kHz, filtering out the switching noise for measurement purposes. This measurement output is not
intended to provide power to a load.
Stereo Headphone Out (JP15 or P1)
This is the stereo headphone output. Each channel is single-ended, with 47uF DC blocking capacitors mounted
on the demo board. The jack (P1) features a typical stereo headphone pinout. An alternate, pinned connection is
also provided (JP15).
Headphone sense is incorporated into the jack on the demo board. In this application HP_SENSE is pulled low
by the 1k
Ω resistor when no headphone is present. This gives a corresponding logic low output on the
HP_SENSE pin. When a headphone is placed in the jack the 1k
Ω pull-down is disconnected and a 100kΩ pull-
up resistor creates a high voltage condition on HP_SENSE. This information may be placed on the GPIO pin to
reliably drive an external microcontroller with headphone status.
It is important to note that if using the alternate connection (JP15) for stereo headphone operation, HP sense is
still tied to the mini-jack, requiring a physical plug to break the connection. HP sensing will then require a plug be
placed in the jack (dummy plug).
MIC Jack (JP1)
This jack is for connection to an external microphone like the kind typically found in mobile phones. Pin 1 is
GND, pin 2 is the negative input pin, and pin 3 is the positive pin, with phantom voltage supplied by MIC_BIAS
on the LM4931.
GPIO (JP14)
This pin provides simple status updates from the LM4931 to an external microcontroller if desired. The GPIO
output may be configured in the PMC_CONFIG (0Ah) register. Bits of the PMC_CONFIG (0Ah) register may be
used to set the GPIO to output information regarding whether the headphone is connected, the voice-codec
clock, an external LS enable signal, and shutdown status for the voiceband ADC, voiceband DAC, and the Left
and Right channels of the full range-audio DAC. The voice-codec clock is only provided over the GPIO port if the
voice codec is enabled. These outputs can be useful for simple software/driver development to monitor mode
changes, or as a simple debugging tool.
BASIC OPERATION
The LM4931 is a highly integrated audio subsystem with many different operating modes available. These
modes may be controlled in the BASIC_CONFIG (00h) register by bits 3:0. These mode settings are shown in
the BASIC_CONFIG (00h) register table and are described here below:
Powerdown Mode (0000b)
Part is powered down, analog outputs are not biased. This is a minimum current mode. All part features are shut
down.
40
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com