Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4931ITL/NOPB Datasheet(PDF) 38 Page - Texas Instruments

Part # LM4931ITL/NOPB
Description  LM4931 Boomer™ Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4931ITL/NOPB Datasheet(HTML) 38 Page - Texas Instruments

Back Button LM4931ITL/NOPB Datasheet HTML 34Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 35Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 36Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 37Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 38Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 39Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 40Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 41Page - Texas Instruments LM4931ITL/NOPB Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
LM4931
SNAS251E – APRIL 2004 – REVISED MAY 2013
www.ti.com
LM4931ITL DEMO BOARD OPERATION
The LM4931ITL demo board is a complete evaluation platform, designed to give easy access to the control pins
of the part and comprises all the necessary external passive components. Besides the separate analog (JP8),
digital (JP7), PLL (JP9) and Loudspeaker (JP10) supply connectors, the board features seven other major input
and control blocks: an SPI/I2C compatible selectable interface bus (JP11) for the control lines, a PCM interface
bus (JP12) for voiceband digital audio, an I2S interface bus (JP13) for full-range digital audio, an analog mic jack
input (JP1) for connection to an external microphone, a high efficiency class D BTL mono output (JP5) for
connection to an external speaker, a stereo headphone output (JP15 or P1), and an external MCLK input (JP3)
for use in place of the crystal on the demoboard.
SPI/I2C Interface Bus (JP11)
This is the main control bus for the LM4931. This interface may either be configured as a two-wire, I2C
compatible interface by setting MODE = 0 (S1 = IN) or a three-wire SPI interface by setting MODE = 1 (S1 =
OUT).
I2C Compatible Mode (MODE = 0)
The two-wire I2C compatible interface consists of an SDA line (data) and SCL line (clock). Each transmission
from the baseband controller to the LM4931 is given MSB first and must follow the timing intervals given in the
Electrical Characteristics section of the datasheet to create the start and stop conditions for a proper
transmission. The start condition is detected if SCL is high on the falling edge of SDA. The stop condition is
detected if SCL is high on the rising edge of SDA. Repeated start signals are handled correctly. Data is then
transmitted as shown in Figure 4 for the Two Wire I2C Compatible Interface. After the start condition has been
achieved the chip address is sent, followed by a set write bit, wait for ack (SDA will be pulled low by LM4931),
data bits 15-8, wait for ACK (SDA will be pulled low by LM4931), data bits 7-0, wait for ACK (SDA will be pulled
low by LM4931) and finally the stop condition is given.
This same sequence follows for any I2C control bus transmission to the LM4931. The chip address is hardwire
selected by the ADDR Select pin (JP11, pin 4) which may be software enabled high or low with the LM4931
demonstration control software. If ADDR is low, then the chip address is set to 0010000b. If ADDR is high, the
address is set to 1110000b. The 11 control registers are shown on page 13 in the System Control Table. Data
is sampled only if the address is in range and the R/W bit is clear. Data for each register is given in the System
Control section of the datasheet.
Pull-up resistors are required to achieve reliable operation. 10k
Ω pull-up resistors on the SDA and SCL lines
achieves best results when used with TI’s parallel-to-serial interface board. Lower value pull-up resistors will
decrease the rise and fall times on the bus which will in turn decrease susceptibility to bus noise that may cause
a false trigger. The cost comes at extra current use. Control bus reliability will thus depend largely on bus noise
and may vary from design to design. Low noise is critical for reliable operation.
SPI Mode (MODE = 1)
The SPI interface consists of three lines: the serial data input pin (SDI), the clock input pin (SCK), and the SPI
enable pin (ENB).The serial data bits are organized into two fields of 8 bit data as shown on Figure 3 in the
Three Wire, SPI Interface timing diagram. The first 8 bits corresponds to the register address given on the
System Control Table on page 13. The second 8 bits contains the data to write to the desired control register.
These fields are transmitted subsequently to form a 16 bit word. For each SPI transfer, ENB is lowered and the
data bits are written to the SDI pin with the most significant bit (MSB) first. All serial data are sampled at the
rising edge of the SCK signal. Once all the data bits have been sampled, ENB transitions from logic-high to logic-
low to complete the SPI sequence. All 16 bits must be received before any data latch can occur. Any excess
CLK and DATA transitions will be ignored after the sixteenth rising clock edge has occurred. For any data
sequence longer than 16 bits, only the first 16 bits will get loaded into the shift register and the rest of the bits will
be disregarded.
SPI Operational Requirements
1. The data bits are transmitted with the MSB first.
2. The maximum clock rate is 4MHz for the SCK pin.
3. SCK must remain logic-high for at least 500ns (tSPICH ) after the rising edge of SCK, and SCK must remain
logic-low for at least 500ns (tSPICL) after the falling edge of SCK.
38
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4931



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com