Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5064PMH/NOPB Datasheet(PDF) 45 Page - Texas Instruments

Part # LM5064PMH/NOPB
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB Datasheet(HTML) 45 Page - Texas Instruments

Back Button LM5064PMH/NOPB Datasheet HTML 41Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 42Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 43Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 44Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 45Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 46Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 47Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 48Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
LM5064
www.ti.com
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
Table 36. READ_AVG_IIN Register
Value
Meaning
Default
0h – 0FFFh
Average of measured values for current
0000h
sense voltage
MFR_SPECIFIC_15: READ_AVG_PIN
The READ_AVG_PIN command will report the upper 12-bits of the average VIN x IIN product as measured by
the 12-bit ADC. You will read the default value (0000h) or previous data when the average data is not ready.
This data is read with the PMBus Read Word protocol. This register should use the coefficients shown in
Table 41.
Table 37. READ_AVG_PIN Register
Value
Meaning
Default
0h – 0FFFh
Average of measured value for input voltage
0000h
x input current sense voltage
MFR_SPECIFIC_16: BLACK_BOX_READ (E0h)
The BLACK BOX READ command retrieves the BLOCK READ data which was latched in at the first assertion of
SMBA by the LM5064. It is re-armed with the CLEAR_FAULTS command. It is the same format as the
BLOCK_READ registers, the only difference being that its contents are updated with the SMBA edge rather than
the internal clock edge. This command is read with the PMBus Block Read protocol.
MFR_SPECIFIC_17: READ_DIAGNOSTIC_WORD (E1h)
The READ_DIAGNOSTIC_WORD PMBus command will report all of the LM5064 faults and warnings in a single
read operation. The standard response to the assertion of the SMBA signal of issuing multiple read requests to
various status registers can be replaced by a single word read to the DIAGNOSTIC_WORD register. The
READ_DIAGNOSTIC_WORD command should be read with the PMBus Read Word protocol. The
READ_DIAGNOSTIC_WORD
is
also
returned
in
the
BLOCK_READ,
BLACK_BOX_READ,
and
AVG_BLOCK_READ operations.
Table 38. DIAGNOSTIC_WORD Format
Bit
Meaning
Default
15
VOUT UNDERVOLTAGE WARN
0
14
OC/OP WARN
0
13
VIN UNDERVOLTAGE WARN
0
12
VIN OVERVOLTAGE WARN
0
11
POWER GOOD
1
10
OVER TEMPERATURE WARN
0
9
TIMER LATCHED OFF
0
8
EXT MOSFET SHORTED
0
7
CONFIG PRESET
1
6
DEVICE OFF
1
5
VIN UNDERVOLTAGE FAULT
1
4
VIN OVERVOLTAGE FAULT
0
3
IIN OC/PFET OP FAULT
0
2
OVER TEMPERATURE FAULT
0
1
CML FAULT
0
0
CIRCUIT BREAKER FAULT
0
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com