Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5064PMH/NOPB Datasheet(PDF) 48 Page - Texas Instruments

Part # LM5064PMH/NOPB
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB Datasheet(HTML) 48 Page - Texas Instruments

Back Button LM5064PMH/NOPB Datasheet HTML 44Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 45Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 46Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 47Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 48Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 49Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 50Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 51Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
X =
1
m
(Y x 10
-R - b)
LM5064
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
www.ti.com
READING AND WRITING TELEMETRY DATA AND WARNING THRESHOLDS
All measured telemetry data and user programmed warning thresholds are communicated in 12-bit two’s
compliment binary numbers read/written in 2 byte increments conforming to the Direct format as described in
section 8.3.3 of the PMBus Power System Management Protocol Specification 1.1 (Part II). The organization of
the bits in the telemetry or warning word is shown in Table 40, where Bit_11 is the most significant bit (MSB) and
Bit_0 is the least significant bit (LSB). The decimal equivalent of all warning and telemetry words are constrained
to be within the range of 0 to 4095, with the exception of temperature. The decimal equivalent value of the
temperature word ranges from 0 to 65535.
Table 40. Telemetry and Warning Word Format
Byte
B7
B6
B5
B4
B3
B2
B1
B0
1
Bit_7
Bit_6
Bit_5
Bit_4
Bit_3
Bit_2
Bit_1
Bit_0
2
0
0
0
0
Bit_11
Bit_10
Bit_9
Bit_8
Conversion from direct format to real-world dimensions of current, voltage, power, and temperature is
accomplished by determining appropriate coefficients as described in section 7.2.1 of the PMBus Power System
Management Protocol Specification 1.1 (Part II). According to this specification, the host system converts the
values received into a reading of volts, amperes, watts, or other units using the following relationship:
(34)
Where:
X: the calculated "real-world" value (volts, amps, watt, etc.)
m: the slope coefficient
Y: a two byte two's complement integer received from device
b: the offset, a two byte, two's complement integer
R: the exponent, a one byte two's complement integer
R is only necessary in systems where m is required to be an integer (for example, where m may be stored in a
register in an integrated circuit). In those cases, R only needs to be large enough to yield the desired accuracy.
Table 41. Telemetry and Warning Conversion Coefficients
Commands
Condition
Format
Number of
m
b
R
Units
Data Bytes
READ_VIN, READ_AVG_VIN
DIRECT
2
4611
-642
-2
V
VIN_OV_WARN_LIMIT
VIN_UV_WARN_LIMIT
READ_VOUT, READ_AVG_VOUT
DIRECT
2
4621
423
-2
V
VOUT_UV_WARN_LIMIT
READ_VAUX
DIRECT
2
13808
0
-1
V
(1)READ_IIN, READ_AVG_IIN
CL = VDD
DIRECT
2
10742
1552
-2
A
MFR_IIN_OC_WARN_LIMIT
(1)READ_IN, READ_AVG_IN
CL = VEE
DIRECT
2
5456
2118
-2
A
MFR_IIN_OC_WARN_LIMIT
(1)READ_PIN, READ_AVG_PIN,
CL = VDD
DIRECT
2
1204
8524
-3
W
READ_PIN_PEAK
MFR_PIN_OP_WARN_LIMIT
(1)READ_PIN, READ_AVG_PIN,
CL = VEE
DIRECT
2
612
11202
-3
W
READ_PIN_PEAK
MFR_PIN_OP_WARN_LIMIT
READ_TEMPERATURE_1
DIRECT
2
16000
0
-3
°C
OT_WARN_LIMIT
OT_FAULT_LIMIT
(1)
The coefficients relating to current/power measurements and warning thresholds shown are normalized to a sense resistor (RS) value of
1 m
Ω. In general, the current/power coefficients can be calculated using the relationships shown in Table 42.
48
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com