Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5064PMH/NOPB Datasheet(PDF) 62 Page - Texas Instruments

Part # LM5064PMH/NOPB
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB Datasheet(HTML) 62 Page - Texas Instruments

Back Button LM5064PMH/NOPB Datasheet HTML 56Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 57Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 58Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 59Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 60Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 61Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 62Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 63Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 64Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 62 / 64 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
28X (1.3)
(6.1)
28X (0.45)
(0.9) TYP
28X (1.5)
28X (0.45)
26X
(0.65)
(3)
(3.4)
NOTE 9
(5.5)
SOLDER
MASK
OPENING
(9.7)
(1.3)
(1.3) TYP
(5.8)
(
) TYP
VIA
0.2
(0.65) TYP
4214870/A 10/2014
PowerPAD - 1.1 mm max height
PWP0028A
PLASTIC SMALL OUTLINE
SOLDER MASK
DEFINED PAD
LAND PATTERN EXAMPLE
SCALE:6X
HV / ISOLATION OPTION
0.9 CLEARANCE CREEPAGE
OTHER DIMENSIONS IDENTICAL TO IPC-7351
TM
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
8. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
numbers SLMA002 (www.ti.com/lit/slma002) and SLMA004 (www.ti.com/lit/slma004).
9. Size of metal pad may vary due to creepage requirement.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
SYMM
SYMM
SEE DETAILS
1
14
15
28
METAL COVERED
BY SOLDER MASK
SOLDER
MASK
OPENING
IPC-7351 NOMINAL
0.65 CLEARANCE CREEPAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com