Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5064PMH/NOPB Datasheet(PDF) 52 Page - Texas Instruments

Part # LM5064PMH/NOPB
Description  LM5064 Negative Voltage System Power Management and Protection IC with PMBus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5064PMH/NOPB Datasheet(HTML) 52 Page - Texas Instruments

Back Button LM5064PMH/NOPB Datasheet HTML 48Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 49Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 50Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 51Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 52Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 53Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 54Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 55Page - Texas Instruments LM5064PMH/NOPB Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
LM5064
SNVS718E – JUNE 2011 – REVISED FEBRUARY 2013
www.ti.com
PMBUS™ ADDRESS LINES (ADR0, ADR1, ADR2)
The three address lines are to be set high (connect to VDD), low (connect to VEE), or open to select one of 27
addresses for communicating with the LM5064. Table 44 depicts 7-bit addresses (eighth bit is read/write bit):
Table 44. Device Addressing
ADR2
ADR1
ADR0
Decoded Address
Z
Z
Z
40h
Z
Z
0
41h
Z
Z
1
42h
Z
0
Z
43h
Z
0
0
44h
Z
0
1
45h
Z
1
Z
46h
Z
1
0
47h
Z
1
1
10h
0
Z
Z
11h
0
Z
0
12h
0
Z
1
13h
0
0
Z
14h
0
0
0
15h
0
0
1
16h
0
1
Z
17h
0
1
0
50h
0
1
1
51h
1
Z
Z
52h
1
Z
0
53h
1
Z
1
54h
1
0
Z
55h
1
0
0
56h
1
0
1
57h
1
1
Z
58h
1
1
0
59h
1
1
1
5Ah
52
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM5064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com