Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 28 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 28 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 24Page - Texas Instruments DAC39RFS10 Datasheet HTML 25Page - Texas Instruments DAC39RFS10 Datasheet HTML 26Page - Texas Instruments DAC39RFS10 Datasheet HTML 27Page - Texas Instruments DAC39RFS10 Datasheet HTML 28Page - Texas Instruments DAC39RFS10 Datasheet HTML 29Page - Texas Instruments DAC39RFS10 Datasheet HTML 30Page - Texas Instruments DAC39RFS10 Datasheet HTML 31Page - Texas Instruments DAC39RFS10 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 175 page
background image
6.9 Switching Characteristics (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, fCLK = 10.24 GHz, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, Dither and DEM enabled, unless
otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t FRCLK _PL
FRCLK pulse width low
2
ns
t FRDI_SU
FRDI setup time
1
ns
tFRDI _H
FRDI hold time
1
ns
t FRCS_SU
FRCS setup time
1
ns
t FRCS_H
FRCS hold time
1
ns
tFR_IAG
Inter-access gap
1
ns
(1)
The delay depends on how long it takes the JESD link to start up and the mode dependent device latency. Add the link layer startup
time and the mode depedent latency (TDAC_LAT) from the latency calculator spreadsheet.
(2)
Pulse durations less than this produce undefined behavior.
(3)
Pulse durations less than this may have no effect on the output.
(4)
8b/10b encoding required for < 2 Gbps
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com