Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 82 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 82 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 78Page - Texas Instruments DAC39RFS10 Datasheet HTML 79Page - Texas Instruments DAC39RFS10 Datasheet HTML 80Page - Texas Instruments DAC39RFS10 Datasheet HTML 81Page - Texas Instruments DAC39RFS10 Datasheet HTML 82Page - Texas Instruments DAC39RFS10 Datasheet HTML 83Page - Texas Instruments DAC39RFS10 Datasheet HTML 84Page - Texas Instruments DAC39RFS10 Datasheet HTML 85Page - Texas Instruments DAC39RFS10 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 175 page
background image
Table 7-32. SPI Registers (continued)
Offset
Acronym
Register Name
Section
0x02E5-0x02E7
RESERVED
0x02E8
MXMODE
DAC Output Mode
Go
0x02E9
RESERVED
0x02EA
TRUNC_HLSB
Truncation Half LSB Offset
Go
0x02EB-0x02F7
RESERVED
0x02F8
TX_EN_SEL
Transmitter Enable Control Selection
Go
0x02F9
TX_EN
Transmitter Enable Configuration
Go
0x02FA-0x02FF
RESERVED
0x0300
NCO_CTRL
NCO Control
Go
0x0301
NCO_CONT
NCO Phase Continuous Mode
Go
0x0302
NCO_SYNC
NCO Synchronization Configuration
Go
0x0303
NCO_AR
NCO Accumulator Reset
Go
0x0304
SPI_SYNC
SPI Sync
Go
0x0305
NCO_SS
NCO Continuous Self-Sync Mode
Go
0x0306-0x0317
RESERVED
0x0318-0x031F
AMP[3:0]
DDS Amplitude
Go
0x0320-0x0327
FREQ[0]
Frequency for NCO0 Accumulator
Go
0x0328-0x032F
FREQ[1]
Frequency for NCO1 Accumulator
Go
0x0330-0x0337
FREQ[2]
Frequency for NCO2 Accumulator
Go
0x0338-0x033F
FREQ[3]
Frequency for NCO3 Accumulator
Go
0x0340-0x0347
PHASE[3:0]
Phase for NCOn Accumulator
Go
0x0348-0x0377
RESERVED
0x0378-0x037F
AMP_R[3:0]
Readback for Amplitude Workd for NCOn
Go
0x0380-0x039F
FREQ_R[3:0]
Readback for Frequency for NCOn Accumulator
Go
0x03A0-0x03A7
PHASE_R[3:0]
Readback for Phase Word for NCOn Accumulator
Go
0x03A8-0x03DF
RESERVED
0x03E0
FR_FRS_R
Readback for FR Synchronization
Go
0x03E1
FR_NCO_AR_R
Readback for FR NCO Accumulator Reset
Go
0x03E2-0x03FF
RESERVED
0x0400
TS_TEMP
Tempeature Reading in Celsius
Go
0x0401
TS_SLEEP
Temperature Sensor Sleep
Go
0x0402-0x040F
RESERVED
0x0410
SYNC_STATUS
Synchronization Status
Go
0x0411-0x042F
RESERVED
0x0430
SYS_ALM
System Alarm Status
Go
0x0431
ALM_MASK
Alarm Mask
Go
0x0432
MUTE_MASK
DAC Mute Mask
Go
0x0433
MUTE_REC
DAC Mute Recovery
Go
0x0434-0x05FF
RESERVED
0x0600
FUSE_STATUS
Fuse Status
Go
0x0601-0x0722
RESERVED
0x0723
FINE_CUR_A
Fine Bias Current Control for DACA
Go
0x0724
COARSE_CUR_A
Coarse Bias Current Control for DACA
Go
0x0725
FINE_CUR_B
Fine Bias Current Control for DACB
Go
0x0726
COARSE_CUR_B
Coarse Bias Current Control for DACB
Go
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
82
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com