Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 95 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 95 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 91Page - Texas Instruments DAC39RFS10 Datasheet HTML 92Page - Texas Instruments DAC39RFS10 Datasheet HTML 93Page - Texas Instruments DAC39RFS10 Datasheet HTML 94Page - Texas Instruments DAC39RFS10 Datasheet HTML 95Page - Texas Instruments DAC39RFS10 Datasheet HTML 96Page - Texas Instruments DAC39RFS10 Datasheet HTML 97Page - Texas Instruments DAC39RFS10 Datasheet HTML 98Page - Texas Instruments DAC39RFS10 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 175 page
background image
Table 7-57. JTIMER Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2-0
JTT
R/W
0b
JESD204C watchdog counter threshold. When the watchdog counter
reaches the threshold defined by JTT, the PHY layer is reset
(including the PHY PLL(s) if JTPLL=1) and the watchdog timer is
reset. Larger values of JTT cause the watchdog timer to take longer
to intervene.
JTT : Watchdog Counter Threshold : Counter Duration [assuming
FCLK = 10.24 GHz
0 : <Watchdog Timer Disabled> : <disabled>
1 : 217 : 102.4 μs
2 : 219 : 409.6 μs
3 : 232 : 1.63 ms
4 : 223 : 6.55 ms
5-7 : RESERVED : RESERVED
Note: The watchdog may not detect link up events shorter than 210
(1024) CLK cycles.
7.5.3.25 SYNC_EPW Register (Offset = 0127h) [reset = 00h]
SYNC_EPW is shown in Figure 7-86 and described in Table 7-58.
Return to the Register Summary Table.
JESD204C SYNC Error Report Pulse Width
Figure 7-86. SYNC_EPW Register
7
6
5
4
3
2
1
0
RESERVED
SYNC_EPW
R/W-00h
R/W-000b
Table 7-58. SYNC_EPW Register Field Descriptions
Bit
Field
Type
Reset
Description
7-3
RESERVED
R/W
00h
2-0
SYNC_EPW
R/W
000b
Specifies the pulse width of SYNC that is used for reporting errors
to the transmitter. When an error is detected that does not require
link resynchronization, SYNC is asserted for SYNC_EPW link clock
cycles (equal to 4*SYNC_EPW character durations). To disable
error reporting over SYNC, set SYNC_EPW=0. The legal range for
SYNC_EPW is 0 to 7.
Note: This register should only be changed when JESD_EN= 0.
7.5.3.26 CRC_TH Register (Offset = 0128h) [reset = 00h]
CRC_TH is shown in Figure 7-87 and described in Table 7-59.
Return to the Register Summary Table.
JESD204C CRC Error Thresholds
Figure 7-87. CRC_TH Register
7
6
5
4
3
2
1
0
RESERVED
CRC_ERR_REC
CFC_ERR_TH
R/W-0h
R/W-00b
R/W-00b
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com