Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 61 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 61 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 57Page - Texas Instruments DAC39RFS10 Datasheet HTML 58Page - Texas Instruments DAC39RFS10 Datasheet HTML 59Page - Texas Instruments DAC39RFS10 Datasheet HTML 60Page - Texas Instruments DAC39RFS10 Datasheet HTML 61Page - Texas Instruments DAC39RFS10 Datasheet HTML 62Page - Texas Instruments DAC39RFS10 Datasheet HTML 63Page - Texas Instruments DAC39RFS10 Datasheet HTML 64Page - Texas Instruments DAC39RFS10 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 175 page
background image
complex amplitude exceeds 32767 the mixer saturates, resulting in a corrupted waveform. This is illustrated in
Figure 7-46, which shows the valid circular region in white and invalid corners in grey.
I
Q
+32767
+32767
-32767
-32767
32767
Grey = mixer satura on region
white = no mixer satura on region
Figure 7-46. Mixer Saturation Region for the 16-bit Complex Input
7.3.6.2 Channel Bonder
The channel bonder sits after the DUC blocks and is used to combine the outputs of the DUCs. A block diagram
for one DAC channel is shown in Figure 7-47. The DUC outputs can be scaled by 1 (0 dB), 0.5 (-6 dB) or
0.25 (-12 dB) as set by the DUC_GAIN registers to prevent saturation when summing the signals. The signals
are summed at full precision as determined by the settings of the DAC_SRC registers, and then saturation and
rounding occurs on the combined signal. When the DUC outputs are real, up to four DUCs are available to
be combined for each DAC. When the DUC outputs are complex, only two DUCs are available per DAC. The
channel bonder can combine any combination of the real or complex DUC outputs for each DAC.
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com