Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 48 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 48 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 44Page - Texas Instruments DAC39RFS10 Datasheet HTML 45Page - Texas Instruments DAC39RFS10 Datasheet HTML 46Page - Texas Instruments DAC39RFS10 Datasheet HTML 47Page - Texas Instruments DAC39RFS10 Datasheet HTML 48Page - Texas Instruments DAC39RFS10 Datasheet HTML 49Page - Texas Instruments DAC39RFS10 Datasheet HTML 50Page - Texas Instruments DAC39RFS10 Datasheet HTML 51Page - Texas Instruments DAC39RFS10 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 175 page
background image
7.3.3 DEM and Dither
The device contains two optional features to improve non-linearity due to current segment and switch timing
mismatch: Dynamic element Mixing (DEM) and dither.
The DAC core consists of
1. Thermometer encoded current sources/switches representing the upper MSBs
2. Thermometer encoded current sources/switches representing the middle bits (called ULSBs)
3. Binary weighted current sources/switches representing the lower LSBs.
4. Additional current sources/switches for dithering
DEM randomizes which MSB and ULSB current sources/switches are used to generate the output, which
whitens the non-linearity due to mismatches between the current sources and switch timing. The DEM_DACA/B
and DEM_ADJ registers control the frequency and amplitude of the shift in current sources/segments.
Dither add or subtracts 8 different digital code values to the digital data which are then canceled by switching
additional current sources with the same amplitude. The digital data path is expanded so the full 16-bit range is
maintained. The DITH_DACA/B registers control the frequency of the dither.
Using DEM generally improves low order harmonics near fullscale. Dither generally improves higher order
harmonics near fullscale and all harmonics at lower digital amplitudes. Both DEM and dither increase the noise
floor (both amplitude and phase) of the output due to the whitening of the non-linearity and the additional
switching activity. This is reduced by DEM and dither settings with lower switching activity, that is. data
dependent or reduced activity DEM. However, data dependent or reduced activity DEM is less effective at
higher output frequencies. For data sheet specification testing in Electrical Characteristics - AC Specifications,
data dependent DEM (DEM_ADJ = 1) is used below 750MHz and normal activity DEM (DEM_ADJ = 0) above
750MHz, but different settings (including disabling DEM and/or dither) can be tested and the best chosen based
on the specific use case.
7.3.4 Offset Adjustment
The device allows an offset adjustment to the signal at the DAC output. The offset adjustment does NOT take
away from the full 16-bit digital range of the DAC data.
The offset is set by the DAC_OFS[0] or DAC_OFS[1] register values for DACA and DACB, respectively. If
dithering is enabled (see register DEM_DITH), the value is saturated to the range of ±128. If dithering is
disabled, the value is saturated to the range ±3968. This makes sure that the primary DAC range will never be
exceeded.
7.3.5 Clocking Subsystem
The device requires a clock running at a frequency equal to the DAC core sampling rate in NRZ, RTZ and RF
modes, or at half of the DAC core sampling rate in DES mode. The clocking subsystem is shown in Figure 7-12.
CLK+
CLKt
SYSREF+
SYSREFt
SYSREF Window
To DAC cores,
digital logic,
SerDes, ...
Figure 7-12. Device Clocking Subsystem
7.3.5.1 SYSREF Frequency Requirements
The SYSREF input period must be an integer multiple of all clocks in the part, including the LMFC/LEMC. The
following table depicts the requirements for the SYSREF period:
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com