Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 80 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 80 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 76Page - Texas Instruments DAC39RFS10 Datasheet HTML 77Page - Texas Instruments DAC39RFS10 Datasheet HTML 78Page - Texas Instruments DAC39RFS10 Datasheet HTML 79Page - Texas Instruments DAC39RFS10 Datasheet HTML 80Page - Texas Instruments DAC39RFS10 Datasheet HTML 81Page - Texas Instruments DAC39RFS10 Datasheet HTML 82Page - Texas Instruments DAC39RFS10 Datasheet HTML 83Page - Texas Instruments DAC39RFS10 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 175 page
background image
7.5.3 SPI Register Map
Table 7-32 lists the SPI registers. All register offset addresses not listed in Table 7-32 should be considered as
reserved locations and the register contents should not be modified. Reserved register fields in addresses with
non-reserved R/W fields always return the default/reset value during read, not the written value.
Table 7-32. SPI Registers
Offset
Acronym
Register Name
Section
0x0000
CONFIG_A
Configuration A
Go
0x0002
DEVICE_CONFIG
Device Configuration
Go
0x0003
CHIP_TYPE
Chip Type
Go
0x0004
CHIP_ID
Chip Identification
Go
0x0006
CHIP_VERSION
Chip Version
Go
0x000C
VENDOR_ID
Vendor Identification
Go
0x0010-0x007F
RESERVED
0x0080
SYSREF_CTRL
SYSREF Control
Go
0x0081-0x008F
RESERVED
0x0090-0x0092
SYSREF_POS
SYSREF Capture Position
Go
0x0093-0x009F
RESERVED
0x00A0
SYSREF_ALIGN
SYSREF Alignment Control
Go
0x00A1
SYSREF_TERM
SYSREF Termination Configuration
Go
0x00A2-0x00FF
RESERVED
0x0100
JESD_EN
JESD204C Subsystem Enable
Go
0x0101
JMODE
JESD204C Mode
Go
0x0102
JESD_M
JESD204C Number of Streams
Go
0x0103
JCTRL
JESD204C Control
Go
0x0104
SHMODE
JESD204C Sync Word Mode
Go
0x0105
KM1
JESD204C K Parameter
Go
x0106
RBD
JESD204C Release Buffer Delay
Go
0x0107
JESD_STATUS
JESD204C System Status Register
Go
0x0108
REFDIV
JESD204C Reference Divider
Go
0x0109
MPY
JESD204C PLL Multiplier
Go
0x010A
RATE
JESD204C Receive Rate
Go
0x010B
LB_VRANGE
JESD204C VCO Range
Go
0x010C-0x011F
RESERVED
0x0120
JSYNC_N
JESD204C Manual Sync Request
Go
0x0121
JTEST
JESD204C Test Control
Go
0x0122-0x0123
RESERVED
RESERVED
0x0124
JTIMER
JESD204C Watchdog Timer
Go
0x0125-0x0126
RESERVED
0x0127
SYNC_EPW
JESD204C SYNC Error Report Pulse Width
Go
0x0128
CRC_TH
JESD204C CRC Error Thresholds
Go
0x0129-0x012B
RESERVED
0x012C
LANE_ARSTAT
Lane Arrival Status
Go
0x012D
RESERVED
0x012E-0x012F
LANE_INV
PHY Lane Inversion
Go
0x0130-0x013F
LANE_SEL[15:0]
PHY Lane Select for Logical Lane n
Go
0x0140-0x014F
LANE_ARR[15:0]
Lane n Arrival Time
Go
0x0150-0x015F
LANE_STATUS[15:0]
Lane n Status
Go
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
80
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com