Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 52 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 52 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 48Page - Texas Instruments DAC39RFS10 Datasheet HTML 49Page - Texas Instruments DAC39RFS10 Datasheet HTML 50Page - Texas Instruments DAC39RFS10 Datasheet HTML 51Page - Texas Instruments DAC39RFS10 Datasheet HTML 52Page - Texas Instruments DAC39RFS10 Datasheet HTML 53Page - Texas Instruments DAC39RFS10 Datasheet HTML 54Page - Texas Instruments DAC39RFS10 Datasheet HTML 55Page - Texas Instruments DAC39RFS10 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 175 page
background image
Table 7-7. Supported Interpolation Factors vs Number of DUCs Enabled
Number of Streams (JESD_M)
Interpolation Factors Supported (LT)
DUCs Enabled
2
2-256x
DUC0
4
4-256x
DUC0, DUC1
6
8-256x
DUC0, DUC1, DUC2
8
8-256x
DUC0, DUC1, DUC2, DUC3
The NCOs and mixer can be bypassed, essentially setting the frequency and phase to 0, in which case the I
input passes to the I output and the Q input passes to the Q output.
7.3.6.1.1 Interpolation Filters
The first operation of the DUC is to interpolate the input signal to a higher data rate. The available interpolation
options are summarized in Table 7-8. The sampling rate of the input signal is multiplied by the specified
interpolation amount to determine the DAC output rate, subject to the maximum sample rate for the DDS39RF10
and 'RFS10. These rates do not include the optional 2x interpolation for DES mode. For interpolations rates 6x
and below, a reduced number of DUC channels are available.
Table 7-8. Summary of Interpolation Options
INTERPOLATION
Maximum Number of DUC channels
2x
1
3x
1
4x
2
6x
2
8x
4
12x
4
16x
4
24x
4
32x
4
48x
4
64x
4
96x
4
128x
4
192x
4
256x
4
Each DUC contains multiple 2x or 3x interpolating filters. The filter coefficients for each filter are listed in Table
7-9 and the filters used for each interpolation factor are shown in Table 7-10. The interpolation filter composite
responses are given in Figure 7-14 to Figure 7-42. The filters are designed to provide a passband bandwidth of
80% on the input bandwidth and passband ripple less than 0.01 dB. The stopband attenuation is greater than 90
dB for any signal within the passband.
Table 7-9. Interpolation Filter Coefficients
Filter
Coefficients (Center Tap in Bold)
fir1
[6 0 -19 0 47 0 -100 0 192 0 -342 0 572 0 -914 0 1409 0 -2119 0 3152 0 -4729 0 7420 0 -13334 0 41527 65536 41527 0
-13334 0 7420 0 -4729 0 3152 0 -2119 0 1409 0 -914 0 572 0 -342 0 192 0 -100 0 47 0 -19 0 6 ]*2-16
fir2
[-12 0 84 0 -336 0 1006 0 -2691 0 10141 16384 10141 0 -2691 0 1006 0 -336 0 84 0 -12 ]*2-14
fir3
[29 0 -214 0 1209 2048 1209 0 -214 0 29 ]*2-11
fir4
[3 0 -25 0 150 256 150 0 -25 0 3 ]*2-8
fir5
[-1 0 9 16 9 0 -1 ]*2-4
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
52
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com