Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 68 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 68 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 64Page - Texas Instruments DAC39RFS10 Datasheet HTML 65Page - Texas Instruments DAC39RFS10 Datasheet HTML 66Page - Texas Instruments DAC39RFS10 Datasheet HTML 67Page - Texas Instruments DAC39RFS10 Datasheet HTML 68Page - Texas Instruments DAC39RFS10 Datasheet HTML 69Page - Texas Instruments DAC39RFS10 Datasheet HTML 70Page - Texas Instruments DAC39RFS10 Datasheet HTML 71Page - Texas Instruments DAC39RFS10 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 175 page
background image
Table 7-18. PLL Configuration Table for 64b/66b Encoding Modes (continued)
R decimal (fraction) CLK Range (FCLK)
(GHz)
Register Values to Program
Actual Frequency Multipliers
Lane Bit Rate (FBIT)
(Gbps)
REFDIV
MPY
RATE
VRANGE
REFDIV
MPY
RATE
2.0625 (33/16)
1.52 – 3.10
0x08
0x21
0x1
FCLK<2.104GHz
1/8
8.25
2
3.125 – 6.4
2.0625 (33/16)
3.03 – 6.21
0x10
0x21
0x0
FCLK<4.208GHz
1/16
8.25
4
6.25 – 12.8
2.75 (33/12)
1.14 – 2.33
0x06
0x21
0x1
FCLK<1.578GHz
1/6
8.25
2
3.125 – 6.4
2.75 (33/12)
2.27 – 4.65
0x0C
0x21
0x0
FCLK<3.156GHz
1/12
8.25
4
6.25 – 12.8
3.3 (33/10)
0.95 – 1.94
0x05
0x21
0x1
FCLK<1.315GHz
1/5
8.25
2
3.125 – 6.4
3.3 (33/10)
1.89 – 3.88
0x0A
0x21
0x0
FCLK<2.630GHz
1/10
8.25
4
6.25 – 12.8
4.125 (33/8)
0.76 – 1.55
0x04
0x21
0x1
FCLK<1.052GHz
1/4
8.25
2
3.125 – 6.4
4.125 (33/8)
1.52 – 3.10
0x08
0x21
0x0
FCLK<2.104GHz
1/8
8.25
4
6.25 – 12.8
7.3.7.7 Serdes Crossbar
The device includes a crossbar immediately after coming out of the PHY that allows mapping of signals between
lanes to simplify PCB routing between the Tx and Rx which could save PCB complexity or shorten the traces
(reduce loss). See LANE_SEL n .
The physical layer lanes (6SRX±, 14SRX±) must be routed to the appropriate JESD204C lanes (JESD0 to
JESD15) based on the lanes defined in the bit packing diagrams shown in JESD204C Format Diagrams.
Crossbar
6SRX+
6SRX–
14SRX+
14SRX–
JESD204C
6SRX
14SRX
JESD6
JESD14
Figure 7-53. Crossbar Block Diagram
7.3.7.8 Multi-Device Synchronization and Deterministic Latency
JESD204C subclass 1 outlines a method to achieve deterministic latency across the serial link. If two devices
achieve the same deterministic latency then the devices are considered synchronized. This latency must
be achieved from system startup to startup to be deterministic. There are two key requirements to achieve
deterministic latency. The first is proper capture of SYSREF. SYSREF resets the LMFC counter in each device to
act as a known timing reference.
The second requirement is to choose a proper elastic buffer release point in the receiver. The converter device is
the receiver (RX) in the JESD204C link and the logic device is the transmitter (TX). The elastic buffer is the key
block for achieving deterministic latency and does so by absorbing variations in the propagation delays of the
serialized data as the data travels from the transmitter to the receiver. A proper release point is one that provides
sufficient margin against delay variations. Choosing a proper release point requires knowing the average arrival
time of data at the elastic buffer, referenced to an LMFC edge, and the total expected delay variation for all
devices. With this information the region of invalid release points within the LMFC period can be defined, which
stretches from the minimum to maximum delay for all lanes. Essentially, the designer must make sure that the
data for all lanes arrives at all devices after the previous release point occurs and before the next release point
occurs. The invalid region can also be found experimentally - see Programming RBD.
Figure 7-54 provides a simplified timing diagram that demonstrates this requirement. In this figure, the data for
two transmitters (ADC or logic device) is shown. The second transmitter (TX 2) has a longer routing distance
(tPCB) and results in a longer link delay than the first transmitter (TX 1). First, the invalid region of the LMFC
period is marked off as determined by the data arrival times for all devices. Then, the release point is set by
using the release buffer delay (RBD) parameter to shift the release point an appropriate number of quad-octet
steps from the LMFC edge so that the release point occurs within the valid region of the LMFC cycle. In the
case of Figure 7-54, the LMFC edge (RBD = 0) is a good choice for the release point because there is sufficient
margin on each side of the valid region.
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
68
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com