Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 91 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 91 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 87Page - Texas Instruments DAC39RFS10 Datasheet HTML 88Page - Texas Instruments DAC39RFS10 Datasheet HTML 89Page - Texas Instruments DAC39RFS10 Datasheet HTML 90Page - Texas Instruments DAC39RFS10 Datasheet HTML 91Page - Texas Instruments DAC39RFS10 Datasheet HTML 92Page - Texas Instruments DAC39RFS10 Datasheet HTML 93Page - Texas Instruments DAC39RFS10 Datasheet HTML 94Page - Texas Instruments DAC39RFS10 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 175 page
background image
Table 7-49. RBD Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5-0
RBD
R/W
000000b
This register shifts the elastic buffer release opportunities. Increasing
RBD by 1 delays the release opportunities by 4 bytes (octets).
The legal RBD range is 0 to K*F/4-1.
For 64b/66b modes, the legal RBD range is 0 to 63.
See Programming RBD.
Note: This register should only be changed when JESD_EN=0.
7.5.3.17 JESD_STATUS Register (Offset = 0107h) [reset = NA]
JESD_STATUS is shown in Figure 7-78 and described in Table 7-50.
Return to the Register Summary Table.
JESD204C / System Status
Figure 7-78. JESD_STATUS Register
7
6
5
4
3
2
1
0
EB_ERR
LINK_UP
JSYNC_STATE
REALIGNED
ALIGNED
PLL_LOCKED
RESERVED
R/W1C
R
R
R/W1C
R
R
R
Table 7-50. JESD_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
EB_ERR
R/W1C
NA
Elastic buffer experienced underflow/overflow. Check RBD.
Write a 1 to clear this bit.
6
LINK_UP
R
NA
When set, indicates that the JESD204C link is up (elastic buffer
released).
5
JSYNC_STATE
R
NA
Returns the state of the JESD204C SYNC signal.
0 : SYNC asserted
1 : SYNC de-asserted
4
REALIGNED
R/W1C
NA
When any clock dividers or the LMFC/LEMC counters are realigned
by SYSREF, this bit gets set. Write a 1 to clear this bit.
The behavior of this bit is undefined when SUBCLASS=0.
3
ALIGNED
R
NA
When set, indicates that the last SYSREF pulse was consistent with
the SYSREF-associated clock dividers (including the LMFC/LEMC).
This bit is read-only (cannot be cleared via SPI). After JESD_EN
is set, the part may require up to 7 SYSREF pulses to achieve full
alignment and set this bit.
The behavior of this bit is undefined when SUBCLASS=0.
2
PLL_LOCKED
R
NA
When high, indicates that all enabled SerDes PLLs are locked.
1-0
RESERVED
R
NA
7.5.3.18 REFDIV Register (Offset = 0108h) [reset = 30h]
REFDIV is shown in Figure 7-79 and described in Table 7-51.
Return to the Register Summary Table.
JESD204C Reference Divider
Figure 7-79. REFDIV Register
7
6
5
4
3
2
1
0
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com