Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 46 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 46 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 42Page - Texas Instruments DAC39RFS10 Datasheet HTML 43Page - Texas Instruments DAC39RFS10 Datasheet HTML 44Page - Texas Instruments DAC39RFS10 Datasheet HTML 45Page - Texas Instruments DAC39RFS10 Datasheet HTML 46Page - Texas Instruments DAC39RFS10 Datasheet HTML 47Page - Texas Instruments DAC39RFS10 Datasheet HTML 48Page - Texas Instruments DAC39RFS10 Datasheet HTML 49Page - Texas Instruments DAC39RFS10 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 175 page
background image
CLK+
CLK–
DAC Output
(Sine Wave)
0
+VFS
-VFS
TS = 1/(2*FCLK)
tpd
tpd_f
Figure 7-9. DES Mode Timing Diagram
FOUT/FCLK
0
0.5
1
1.5
2
-50
-40
-30
-20
-10
0
Figure 7-10. DES Output Frequency Response
7.3.2 DAC Core
The device has two 16-bit DAC cores.
7.3.2.1 DAC Output Structure
The DAC core analog output structure is shown in Figure 7-11 for one DAC channel. There is a differential
termination resistance between the two current output pins, DACOUTx±. The current steering switch array
connects to the output pins and steers current between the output pins based on the digital code. A constant DC
current bias, IBIAS, draws current from both outputs regardless of the digital code. The IBIAS current is:
3mA x 2 CUR_2X_EN (COARSE_CUR_x + 5)/20
(1)
With a 3.6kΩ resistor from RBIAS+ to RBIAS-.
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com