Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 40 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 36Page - Texas Instruments DAC39RFS10 Datasheet HTML 37Page - Texas Instruments DAC39RFS10 Datasheet HTML 38Page - Texas Instruments DAC39RFS10 Datasheet HTML 39Page - Texas Instruments DAC39RFS10 Datasheet HTML 40Page - Texas Instruments DAC39RFS10 Datasheet HTML 41Page - Texas Instruments DAC39RFS10 Datasheet HTML 42Page - Texas Instruments DAC39RFS10 Datasheet HTML 43Page - Texas Instruments DAC39RFS10 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 175 page
background image
7 Detailed Description
7.1 Overview
DDS39RF10 and 'RFS10 are a family of dual and single channel direct digital synthesizers with 16-bit resolution
digital-to-analog converters (DAC). The high sampling rate, output frequency range, 64-bit NCO frequency
resolution and any frequency hopping with phase coherence makes the device capable of arbitrary waveform
generation (AWG) and direct digital synthesis (DDS). The devices can also be used as non-interpolating or
interpolating DACs for narrowband direct RF sampling or complex baseband signal generation. The maximum
input data rate is 640MSPS for a single channel or 256MSPS for two channels. The devices can generate
signals of up to 512MHz signal bandwidth (16-bit input resolution) at carrier frequencies exceeding 10GHz
enabling direct sampling through C-band and into X-band.
The 64-bit NCO frequency resolution and infinite frequency hopping with phase coherence, continuity and reset
options makes the device ideally suited for arbitrary waveform generation (AWG) and direct digital synthesis
(DDS).
A JESD204C compatible serial interface with 8b/10b and 64b/66b encoding options has 2 receiver pairs capable
of up to 12.8Gbps. The interface is JESD204C subclass-1 compliant for deterministic latency and multi-device
synchronization through the use of SYSREF. The SYSREF Windowing feature allows for automatic SYSREF
timing calibration.
7.2 Functional Block Diagrams
CLK+
CLK–
SYSREF+
SYSREF–
SYSREF Window
JESD204B/
204C
Block
DACOUTB+
DACOUTB–
SYNC
Mul -Nyquist DAC
6SRX+
6SRX–
14SRX+
14SRX–
Lane
MUX
DACOUTA+
DACOUTA–
Mul -Nyquist DAC
RF
Bonder
or
IQ DAC
MUX
DUC0
L
DUC1
L
DUC2
L
DUC3
L
2
DESDAC
2
DESDAC
Fast
Recon gura on
controller
Control Interface & GPIOs
Figure 7-1. Dual Channel Device
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com