Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 43 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 43 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 39Page - Texas Instruments DAC39RFS10 Datasheet HTML 40Page - Texas Instruments DAC39RFS10 Datasheet HTML 41Page - Texas Instruments DAC39RFS10 Datasheet HTML 42Page - Texas Instruments DAC39RFS10 Datasheet HTML 43Page - Texas Instruments DAC39RFS10 Datasheet HTML 44Page - Texas Instruments DAC39RFS10 Datasheet HTML 45Page - Texas Instruments DAC39RFS10 Datasheet HTML 46Page - Texas Instruments DAC39RFS10 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 175 page
background image
7.3.1.1 NRZ Mode
Non-return-to-zero (NRZ) mode is the standard zero-order hold mode. The timing diagram for NRZ mode is
given in Figure 7-3. The sample is output from the DAC on the CLK rising edge and held until the rising edge.
This output waveform can be thought of as a rectangular filter in time domain resulting in a sinc response in the
frequency domain. The result is a frequency response that has significant power loss in the 2nd and 3rd Nyquist
zones and a null at the sampling rate and is meant for 1st Nyquist zone operation only. A plot of the frequency
response of NRZ mode is shown in Figure 7-4.
CLK+
CLK–
DAC Output
(Sine Wave)
0
+IFS
-IFS
tpd
TSample = 1/FCLK
Figure 7-3. NRZ Mode Timing Diagram
FOUT/FCLK
0
0.5
1
1.5
2
-50
-40
-30
-20
-10
0
Figure 7-4. NRZ Mode Output Frequency Response
7.3.1.2 RTZ Mode
Return-to-zero (RTZ) mode is similar to the standard zero-order hold mode used by DACs; however, the
response adds a return-to-zero pulse for the second half of the sample period. The timing diagram for RTZ mode
is given in Figure 7-5. This output waveform can be thought of as a rectangular filter in time domain that is half
the length of that which is used in NRZ mode, resulting in a sinc response that is expanded by two times in the
frequency domain. The result is a frequency response with less power loss in the 2nd Nyquist zone and a null
at twice the sampling rate. It can be used for 1st and 2nd Nyquist zone applications. The return-to-zero pulse
provides flatter response through the first Nyquist zone at a tradeoff of 6dB lower peak power. A plot of the
frequency response of RTZ mode is shown in Figure 7-6.
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com